Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor MB95430 Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MB95430H Series
28
DS07–12xxx–1E
(VCC = 5.0 V
±10%, VSS = 0.0 V, TA = −40°C to +85°C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ*3
Max
Power supply
current*2
ICC
VCC
(External clock
operation)
VCC = 5.5 V
FCH = 32 MHz
FMP = 16 MHz
Main clock mode
(divided by 2)
—12.1
22
mA
Flash memory
product (except
writing and erasing)
—
39.3
46.8
mA
Flash memory
product (at writing
and erasing)
—
13.8
30.3
mA At A/D conversion
—
12.5
23.4
mA
When the voltage
comparator is
operating
—
13.4
22.3
mA
When the OPAMP
is operating
ICCS
VCC = 5.5 V
FCH = 32 MHz
FMP = 16 MHz
Main sleep mode
(divided by 2)
—
5.1
13.2
mA
ICCL
VCC = 5.5 V
FCL = 32 kHz
FMPL = 16 kHz
Subclock mode
(divided by 2)
TA =
+25°C
—57
168
µA
ICCLS
VCC = 5.5 V
FCL = 32 kHz
FMPL = 16 kHz
Subsleep mode
(divided by 2)
TA =
+25°C
—
7.6
92
µA
ICCT
VCC = 5.5 V
FCL = 32 kHz
Watch mode
Main stop mode
TA =
+25°C
—
4.2
33
µA
ICCMCR
VCC
VCC = 5.5 V
FCRH = 12.5 MHz
FMP = 12.5 MHz
Main CR clock mode
—
9.6
18.2
mA
ICCSCR
VCC = 5.5 V
Sub-CR clock mode
(divided by 2)
TA =
+25°C
—
107.4
550
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com