Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
25
(Continued)
*1: The parameter is based on VSS = 0.0 V.
*2: VI and VO must not exceed VCC
+ 0.3 V. VI must not exceed the rated voltage. However, if the maximum
current to/from an input is limited by means of an external component, the ICLAMP rating is used instead of
the VI rating.
*3: Applicable to the following pins: P00 to P07, P60 to P67, P70 to P76, PF0 and PF1
• Use under recommended operating conditions.
• Use with DC voltage (current).
• The HV (High Voltage) signal is an input signal exceeding the VCC voltage. Always connect a limiting resistor
between the HV (High Voltage) signal and the microcontroller before applying the HV (High Voltage) signal.
• The value of the limiting resistor should be set to a value at which the current to be input to the microcontroller
pin when the HV (High Voltage) signal is input is below the standard value, irrespective of whether the
current is transient current or stationary current.
• When the microcontroller drive current is low, such as in low power consumption modes, the HV (High
Voltage) input potential may pass through the protective diode to increase the potential of the VCC pin,
affecting other devices.
• If the HV (High Voltage) signal is input when the microcontroller power supply is off (not fixed at 0 V), since
power is supplied from the pins, incomplete operations may be executed.
• If the HV (High Voltage) input is input after power-on, since power is supplied from the pins, the voltage
of power supply may not be sufficient to enable a power-on reset.
• Do not leave the HV (High Voltage) input pin unconnected.
• Example of a recommended circuit
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
HV(High Voltage) input (0 V to 16 V)
Protective diode
VCC
N-ch
P-ch
R
Limiting
resistor
• Input/Output equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com