Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
MB95430H Series
26
DS07–12xxx–1E
2.
Recommended Operating Conditions
(VSS = 0.0 V)
*1: The value varies depending on the operating frequency, the machine clock and the analog guaranteed range.
*2: This value becomes 2.88 V when the low-voltage detection reset is used.
*3: Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. The bypass capacitor for
the VCC pin must have a capacitance larger than CS. For the connection to a smoothing capacitor CS, see
the diagram below. To prevent the device from unintentionally entering an unknown mode due to noise,
minimize the distance between the C pin and CS and the distance between CS and the VSS pin when designing
the layout of a printed circuit board.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply
voltage
VCC
2.4*1*2
5.5*1
V
In normal operation
Other than on-chip debug
mode
2.3
5.5
Hold condition in stop mode
2.9
5.5
In normal operation
On-chip debug mode
2.3
5.5
Hold condition in stop mode
Smoothing
capacitor
CS
0.022
1
µF
*3
Operating
temperature
TA
−40
+85
°C
Other than on-chip debug mode
+5
+35
On-chip debug mode
C
Cs
DBG
*
Since the DBG pin becomes a communication pin in on-chip debug mode,
set a pull-up resistor value suiting the input/output specifications of P12/EC0/UI/SCL/DBG.
*:
RST
• DBG / RST / C pins connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com