Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
27
3.
DC Characteristics
(VCC = 5.0 V
±10%, VSS = 0.0 V, TA = −40°C to +85°C)
(Continued)
Parameter Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ*3
Max
"H" level
input voltage
VIHI
P03, P04, P12,
P65
*1
0.7 VCC
—VCC
+ 0.3 V
When CMOS input
level (hysteresis
input) is selected
VIHS
P00 to P07,
P12,
P60 to P67, P70
to P76,
PF0, PF1, PG1,
PG2
*1
0.8 VCC
—VCC
+ 0.3 V Hysteresis input
VIHM
PF2
—
0.7 VCC
—VCC
+ 0.3 V Hysteresis input
“L” level
input voltage
VIL
P03, P04, P12,
P65
*1
VSS
− 0.3 —
0.3 VCC
V
When CMOS input
level (hysteresis
input) is selected
VILS
P00 to P07,
P12,
P60 to P67, P70
to P76,
PF0, PF1, PG1,
PG2
*1
VSS
− 0.3 —
0.2 VCC
V
Hysteresis input
VILM
PF2
—
VSS
− 0.3 —
0.3 VCC
V
Hysteresis input
Open-drain
output
application
voltage
VD
P03, P04, P12,
P65, PF2
—VSS
− 0.3 — VSS + 5.5 V
P03, P04 and P65
are open-drain
output pins when
assigned as the
SDA/SCL pin of I2C.
“H” level
output
voltage
VOH1
Output pins
other than P05,
P06, P12 and
PF2
IOH =
−4 mA
VCC
− 0.5 —
—
V
VOH2
P05, P06
IOH =
−8 mA
VCC
− 0.5 —
—
V
“L” level
output
voltage
VOL1
Output pins
other than P05
and P06
IOL = 4 mA
—
—
0.4
V
VOL2
P05, P06
IOL = 12 mA
—
—
0.4
V
Input leak
current (Hi-Z
output leak
current)
ILI
All input pins
0.0 V < VI < VCC
−5—
+5µA
When pull-up
resistance is
disabled
Pull-up
resistance
RPULL
P00 to P07,
PG1, PG2
VI = 0 V
25
50
100
k
Ω
When pull-up
resistance is
enabled
Input
capacitance
CIN
Other than VCC
and VSS
f = 1 MHz
—
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com