Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 33Page - fujitsu semiconductor MB95430 Datasheet HTML 34Page - fujitsu semiconductor MB95430 Datasheet HTML 35Page - fujitsu semiconductor MB95430 Datasheet HTML 36Page - fujitsu semiconductor MB95430 Datasheet HTML 37Page - fujitsu semiconductor MB95430 Datasheet HTML 38Page - fujitsu semiconductor MB95430 Datasheet HTML 39Page - fujitsu semiconductor MB95430 Datasheet HTML 40Page - fujitsu semiconductor MB95430 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
37
(6) UART/SIO, Serial I/O Timing
(VCC = 5.0 V
±10%, AVSS = VSS = 0.0 V, TA = −40°C to +85°C)
*: See “(2) Source Clock/Machine Clock” for tMCLK.
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
UCK
Internal clock
operation
4 tMCLK*—
ns
UCK
↓ → UO time
tSLOV
UCK, UO
−190
+190
ns
Valid UI
→ UCK ↑
tIVSH
UCK, UI
2 tMCLK*—
ns
UCK
↑ → valid UI hold time
tSHIX
UCK, UI
2 tMCLK*—
ns
Serial clock “H” pulse width
tSHSL
UCK
External clock
operation
4 tMCLK*—
ns
Serial clock “L” pulse width
tSLSH
UCK
4 tMCLK*—
ns
UCK
↓ → UO time
tSLOV
UCK, UO
—
190
ns
Valid UI
→ UCK ↑
tIVSH
UCK, UI
2 tMCLK*—
ns
UCK
↑ → valid UI hold time
tSHIX
UCK, UI
2 tMCLK*—
ns
0.8 V0.8 V
2.4 V
tSLOV
tIVSH
tSHIX
2.4 V
0.8 V
UCK
UC
UI
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
tSCYC
• Internal shift clock mode
tSLOV
tIVSH
tSHIX
2.4 V
0.8 V
UCK
UC
UI
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
0.2 VCC
0.2 VCC
0.8 VCC
0.8 VCC
tSLSH
tSHSL
• External shift clock mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com