Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 10Page - fujitsu semiconductor MB95430 Datasheet HTML 11Page - fujitsu semiconductor MB95430 Datasheet HTML 12Page - fujitsu semiconductor MB95430 Datasheet HTML 13Page - fujitsu semiconductor MB95430 Datasheet HTML 14Page - fujitsu semiconductor MB95430 Datasheet HTML 15Page - fujitsu semiconductor MB95430 Datasheet HTML 16Page - fujitsu semiconductor MB95430 Datasheet HTML 17Page - fujitsu semiconductor MB95430 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
MB95430H Series
14
DS07–12xxx–1E
■ NOTES ON DEVICE HANDLING
• Preventing latch-ups
When using the device, ensure that the voltage applied does not exceed the maximum voltage rating.
In a CMOS IC, if a voltage higher than VCC or a voltage lower than VSS is applied to an input/output pin that
is neither a medium-withstand voltage pin nor a high-withstand voltage pin, or if a voltage out of the rating
range of power supply voltage mentioned in "1. Absolute Maximum Ratings" of “
■ ELECTRICAL CHARAC-
TERISTICS” is applied to the VCC pin or the VSS pin, a latch-up may occur.
When a latch-up occurs, power supply current increases significantly, which may cause a component to be
thermally destroyed.
• Stabilizing supply voltage
Supply voltage must be stabilized.
A malfunction may occur when power supply voltage fluctuates rapidly even though the fluctuation is within
the guaranteed operating range of the VCC power supply voltage.
As a rule of voltage stabilization, suppress voltage fluctuation so that the fluctuation in VCC ripple (p-p value)
at the commercial frequency (50 Hz/60 Hz) does not exceed 10% of the standard VCC value, and the transient
fluctuation rate does not exceed 0.1 V/ms at a momentary fluctuation such as switching the power supply.
• Notes on using the external clock
When an external clock is used, oscillation stabilization wait time is required for power-on reset, wake-up
from subclock mode or stop mode.
■ PIN CONNECTION
• Treatment of unused pins
If an unused input pin is left unconnected, a component may be permanently damaged due to malfunctions
or latch-ups. Always pull up or pull down an unused input pin through a resistor of at least 2 k
Ω. Set an
unused input/output pin to the output state and leave it unconnected, or set it to the input state and treat it
the same as an unused input pin. If there is an unused output pin, leave it unconnected.
• Power supply pins
To reduce unnecessary electro-magnetic emission, prevent malfunctions of strobe signals due to an increase
in the ground level, and conform to the total output current standard, always connect the VCC pin and the VSS
pin to the power supply and ground outside the device. In addition, connect the current supply source to the
VCC pin and the VSS pin with low impedance.
It is also advisable to connect a ceramic capacitor of approximately 0.1 µF as a bypass capacitor between
the VCC pin and the VSS pin at a location close to this device.
• DBG pin
Connect the DBG pin directly to an external pull-up resistor.
To prevent the device from unintentionally entering the debug mode due to noise, minimize the distance
between the DBG pin and the VCC or VSS pin when designing the layout of the printed circuit board.
The DBG pin should not stay at “L” level after power-on until the reset output is released.
• RST pin
Connect the RST pin directly to an external pull-up resistor.
To prevent the device from unintentionally entering the reset mode due to noise, minimize the distance
between the RST pin and the VCC or VSS pin when designing the layout of the printed circuit board.
The RST/PF2 pin functions as the reset input/output pin after power-on. In addition, the reset output of the
RST/PF2 pin can be enabled by the RSTOE bit in the SYSC1 register, and the reset input function and the
general purpose I/O function can be selected by the RSTEN bit in the SYSC1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com