Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 43Page - fujitsu semiconductor MB95430 Datasheet HTML 44Page - fujitsu semiconductor MB95430 Datasheet HTML 45Page - fujitsu semiconductor MB95430 Datasheet HTML 46Page - fujitsu semiconductor MB95430 Datasheet HTML 47Page - fujitsu semiconductor MB95430 Datasheet HTML 48Page - fujitsu semiconductor MB95430 Datasheet HTML 49Page - fujitsu semiconductor MB95430 Datasheet HTML 50Page - fujitsu semiconductor MB95430 Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
47
(3) Definitions of A/D Converter Terms
• Resolution
It indicates the level of analog variation that can be distinguished by the A/D converter.
When the number of bits is 10, analog voltage can be divided into 210 = 1024.
• Linearity error (unit: LSB)
It indicates how much an actual conversion value deviates from the straight line connecting
the zero transition point (“00 0000 0000”
← → “00 0000 0001”) of a device to
the full-scale transition point (“11 1111 1111”
← → “11 1111 1110”) of the same device.
• Differential linear error (unit: LSB)
It indicates how much the input voltage required to change the output code by 1 LSB deviates from an
ideal value.
• Total error (unit: LSB)
It indicates the difference between an actual value and a theoretical value. The error can be caused by a
zero transition error, a full-scale transition errors, a linearity error, a quantum error, or noise.
(Continued)
VFST
Ideal I/O characteristics
001H
002H
003H
004H
3FDH
3FEH
3FFH
2 LSB
VOT
1 LSB
0.5 LSB
Total error
Analog input
Analog input
001H
002H
003H
004H
3FDH
3FEH
3FFH
Actual conversion
characteristic
Ideal characteristic
Actual conversion
characteristic
N
VNT
: A/D converter digital output value
: Voltage at which the digital output transits from (N - 1)H to NH
{1 LSB
× (N-1) + 0.5 LSB}
VNT
Total error of
digital output N
VNT - {1 LSB
× (N - 1) + 0.5 LSB}
1 LSB
[LSB]
=
VCC - VSS
1024
(V)
1 LSB =
VSS
VCC
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com