Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor MB95430 Datasheet HTML 32Page - fujitsu semiconductor MB95430 Datasheet HTML 33Page - fujitsu semiconductor MB95430 Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
MB95430H Series
30
DS07–12xxx–1E
4.
AC Characteristics
(1) Clock Timing
(VCC = 2.4 V to 5.5 V, VSS = 0.0 V, TA =
−40°C to +85°C)
*: The external clock signal is input to X0 and the inverted external clock signal to X1.
Parameter
Symbol Pin name Condition
Value
Unit
Remarks
Min
Typ
Max
Clock
frequency
FCH
X0, X1
—
1
—
16.25 MHz
When the main oscillation circuit
is used
X0
X1: open
1
—
12
MHz When the main external clock is
used
X0, X1
*
1
—
32.5
MHz
FCRH
——
TBD
12.5
TBD
MHz
When the main CR clock is used
TBD
10
TBD
MHz
TBD
8
TBD
MHz
TBD
1
TBD
MHz
FCL
X0A, X1A
—
—
32.768
—
kHz
When the sub-oscillation circuit
is used
—
32.768
—
kHz
When the sub-external clock is
used
FCRL
—
—
50
100
200
kHz When the sub-CR clock is used
Clock cycle
time
tHCYL
X0, X1
—
61.5
—
1000
ns
When the main oscillation circuit
is used
X0
X1: open
83.4
—
1000
ns
When the external clock is used
X0, X1
*
30.8
—
1000
ns
tLCYL
X0A, X1A
—
—
30.5
—
µs
When the subclock is used
Input clock
pulse width
tWH1
tWL1
X0
X1: open
33.4
—
—
ns
When the external clock is used,
the duty ratio should range
between 40% and 60%.
X0, X1
*
12.4
—
—
ns
tWH2
tWL2
X0A
—
—
15.2
—
µs
Input clock
rise time and
fall time
tCR
tCF
X0
X1: open
—
—
5
ns
When the external clock is used
X0, X1
*
—
—
5
ns
CR
oscillation
start time
tCRHWK
—
—
—
—
80
µs
When the main CR clock is used
tCRLWK
—
—
—
—
10
µs
When the sub-CR clock is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com