Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 14Page - fujitsu semiconductor MB95430 Datasheet HTML 15Page - fujitsu semiconductor MB95430 Datasheet HTML 16Page - fujitsu semiconductor MB95430 Datasheet HTML 17Page - fujitsu semiconductor MB95430 Datasheet HTML 18Page - fujitsu semiconductor MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MB95430H Series
18
DS07–12xxx–1E
■ I/O MAP
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0000H
PDR0
Port 0 data register
R/W
00000000B
0001H
DDR0
Port 0 direction register
R/W
00000000B
0002H
PDR1
Port 1 data register
R/W
00000000B
0003H
DDR1
Port 1 direction register
R/W
00000000B
0004H
—
(Disabled)
—
—
0005H
WATR
Oscillation stabilization wait time setting register
R/W
11111111B
0006H
—
(Disabled)
—
—
0007H
SYCC
System clock control register
R/W
0000X011B
0008H
STBC
Standby control register
R/W
00000XXXB
0009H
RSRR
Reset source register
R/W XXXXXXXXB
000AH
TBTC
Time-base timer control register
R/W
00000000B
000BH
WPCR
Watch prescaler control register
R/W
00000000B
000CH
WDTC
Watchdog timer control register
R/W
00XX0000B
000DH
SYCC2
System clock control register 2
R/W
XX100011B
000EH
to
0015H
—
(Disabled)
—
—
0016H
PDR6
Port 6 data register
R/W
00000000B
0017H
DDR6
Port 6 direction register
R/W
00000000B
0018H
PDR7
Port 7 data register
R/W
00000000B
0019H
DDR7
Port 7 direction register
R/W
00000000B
0020H
to
0027H
—
(Disabled)
—
—
0028H
PDRF
Port F data register
R/W
00000000B
0029H
DDRF
Port F direction register
R/W
00000000B
002AH
PDRG
Port G data register
R/W
00000000B
002BH
DDRG
Port G direction register
R/W
00000000B
002CH
PUL0
Port 0 pull-up register
R/W
00000000B
002DH
to
0034H
—
(Disabled)
—
—
0035H
PULG
Port G pull-up register
R/W
00000000B
0036H
T01CR1
8/16-bit composite timer 01 status control register 1 ch. 0
R/W
00000000B
0037H
T00CR1
8/16-bit composite timer 00 status control register 1 ch. 0
R/W
00000000B
0038H
BUZZ
Buzzer control register
R/W
00000000B
0039H
—
(Disabled)
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com