Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor MB95430 Datasheet HTML 32Page - fujitsu semiconductor MB95430 Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
29
(Continued)
(VCC = 5.0 V
±10%, VSS = 0.0 V, TA = −40°C to +85°C)
*1: The input levels of P04 can be switched between “CMOS input level” and “hysteresis input level”. The input
level selection register (ILSR) is used to switch between the two input levels.
*2: • The power supply current is determined by the external clock. When the low-voltage detection option is
selected, the power-supply current will be the sum of adding the current consumption of the low-voltage
detection circuit (ILVD) to one of the value from ICC to ICCH. In addition, when both the low-voltage detection
option and the CR oscillator are selected, the power supply current will be the sum of adding up the current
consumption of the low-voltage detection circuit, the current consumption of the CR oscillators (ICRH, ICRL)
and a specified value. In on-chip debug mode, the CR oscillator (ICRH) and the low-voltage detection circuit
are always enabled, and current consumption therefore increases accordingly.
• See "4. AC Characteristics: (1) Clock Timing" for FCH and FCL.
• See "4. AC Characteristics: (2) Source Clock/Machine Clock" for FMP and FMPL.
*3: VCC = 5.0 V, TA = 25
°C
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ*3
Max
Power supply
current*2
ICCTS
VCC
(External clock
operation)
VCC = 5.5 V
FCH = 32 MHz
Time-base timer
mode
TA =
+25°C
—0.9
3.3
mA
ICCH
VCC = 5.5 V
Substop mode
TA =
+25°C
—
3.5
24.8
µA
ILVD
VCC
Current
consumption for
low-voltage
detection circuit only
—26.9
54
µA
ICRH
Current
consumption for the
main CR oscillator
—0.2
0.6
mA
ICRL
Current
consumption for the
sub-CR oscillator
oscillating at
100 kHz
—64.7
72
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com