Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor MB95430 Datasheet HTML 32Page - fujitsu semiconductor MB95430 Datasheet HTML 33Page - fujitsu semiconductor MB95430 Datasheet HTML 34Page - fujitsu semiconductor MB95430 Datasheet HTML 35Page - fujitsu semiconductor MB95430 Datasheet HTML 36Page - fujitsu semiconductor MB95430 Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
33
FCH
(main oscillation)
FCRH
(Main CR clock)
FCL
(sub-oscillation)
FCRL
(Sub-CR clock)
SCLK
(source clock)
MCLK
(machine clock)
Machine clock divide ratio select bits
(SYCC:DIV1, DIV0)
Clock mode select bits
(SYCC2: RCS1, RCS0)
Division
circuit
×
×
×
×
1
1/4
1/8
1/16
Divided
by 2
Divided
by 2
Divided
by 2
• Schematic diagram of the clock generation block
A/D converter operation range
5.5
5.0
4.0
3.5
3.0
2.4
16 kHz
3 MHz
10 MHz
16.25 MHz
Source clock frequency (FSP/FSPL)
A/D converter operation range
5.5
5.0
4.0
3.5
3.0
2.9
16 kHz
3 MHz
12.5 MHz
16.25 MHz
Source clock frequency (FSP)
• Operating voltage - Operating frequency (When TA =
−40°C to +85°C)
MB95430H (without the on-chip debug function)
• Operating voltage - Operating frequency (When TA =
−40°C to +85°C)
MB95430H (with the on-chip debug function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com