Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 19 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 19 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 15Page - fujitsu semiconductor MB95430 Datasheet HTML 16Page - fujitsu semiconductor MB95430 Datasheet HTML 17Page - fujitsu semiconductor MB95430 Datasheet HTML 18Page - fujitsu semiconductor MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
19
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
003AH
CMR0
Voltage comparator control register ch. 0
R/W
000X0001B
003BH
CMR1
Voltage comparator control register ch. 1
R/W
000X0001B
003CH
CMR2
Voltage comparator control register ch. 2
R/W
000X0001B
003DH
CMR3
Voltage comparator control register ch. 3
R/W
000X0001B
003EH
OPCR
OPAMP control register
R/W
00000011B
003FH
to
0041H
—
(Disabled)
—
—
0042H
PCNTH0
16-bit PPG status control register upper ch. 0
R/W
00000000B
0043H
PCNTL0
16-bit PPG status control register lower ch. 0
R/W
00000000B
0044H
PTGS0
16-bit PPG trigger source control register ch. 0
R/W
00000000B
0045H
—
(Disabled)
—
—
0046H
OCUOC
16-bit output compare stop trigger control register
R/W
00000000B
0047H
—
(Disabled)
—
—
0048H
EIC00
External interrupt circuit control register ch. 0/ch. 1
R/W
00000000B
0049H
EIC10
External interrupt circuit control register ch. 2/ch. 3
R/W
00000000B
004AH
EIC20
External interrupt circuit control register ch. 4/ch. 5
R/W
00000000B
004BH
EIC30
External interrupt circuit control register ch. 6/ch. 7
R/W
00000000B
004CH,
004DH
—
(Disabled)
—
—
004EH
SYSC2
System control register 2
R/W
00000000B
004FH
—
(Disabled)
—
—
0050H
IBCR00
I2C bus control register 0
R/W
00000000B
0051H
IBCR10
I2C bus control register 1
R/W
00000000B
0052H
IBSR0
I2C bus status register
R/W
00000000B
0053H
IDDR0
I2C data register
R/W
00000000B
0054H
IAAR0
I2C address register
R/W
00000000B
0055H
ICCR0
I2C clock control register
R/W
00000000B
0056H
SMC10
UART/SIO serial mode control register 1 ch. 0
R/W
00000000B
0057H
SMC20
UART/SIO serial mode control register 2 ch. 0
R/W
00100000B
0058H
SSR0
UART/SIO serial status and data register ch. 0
R/W
00000001B
0059H
TDR0
UART/SIO serial output data register ch. 0
R/W
00000000B
005AH
RDR0
UART/SIO serial input data register ch. 0
R
00000000B
005BH
—
(Disabled)
—
—
005CH
TCDTH
16-bit free-running timer data register (upper)
R/W
00000000B
005DH
TCDTL
16-bit free-running timer data register (lower)
R/W
00000000B
005EH
CPCLRH
16-bit free-running timer compare clear register (upper)
R
11111111B
005FH
CPCLRL
16-bit free-running timer compare clear register (lower)
R
11111111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com