Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 20 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 20 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 16Page - fujitsu semiconductor MB95430 Datasheet HTML 17Page - fujitsu semiconductor MB95430 Datasheet HTML 18Page - fujitsu semiconductor MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MB95430H Series
20
DS07–12xxx–1E
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0060H
TCCSH
16-bit free-running timer control status register (upper)
R/W
01000000B
0061H
TCCSL
16-bit free-running timer control status register (lower)
R/W
00000000B
0062H
ETCCSH
16-bit free-running timer extended control status register
(upper)
R/W
00000000B
0063H
ETCCSL
16-bit free-running timer extended control status register
(lower)
R/W
00000000B
0064H
OCCP0H
16-bit output compare channel 0 register (upper)
R
00000000B
0065H
OCCP0L
16-bit output compare channel 0 register (lower)
R
00000000B
0066H
OCCP1H
16-bit output compare channel 1 register (upper)
R
00000000B
0067H
OCCP1L
16-bit output compare channel 1 register (lower)
R
00000000B
0068H
OCSH
16-bit output compare control status register (upper)
R/W
00000000B
0069H
OCSL
16-bit output compare control status register (lower)
R/W
00000000B
006AH
OCMCR
16-bit output compare mode control register
R/W
00000000B
006BH
EOCS
16-bit output compare extended control status register
R/W
00000000B
006CH
ADC1
8/10-bit A/D converter control register 1
R/W
00000000B
006DH
ADC2
8/10-bit A/D converter control register 2
R/W
00000000B
006EH
ADDH
8/10-bit A/D converter data register (upper)
R/W
00000000B
006FH
ADDL
8/10-bit A/D converter data register (lower)
R/W
00000000B
0070H
—
(Disabled)
—
—
0071H
FSR2
Flash memory status register 2
R/W
00000000B
0072H
FSR
Flash memory status register
R/W
000X0000B
0073H
SWRE0
Flash memory sector write control register 0
R/W
00000000B
0074H
FSR3
Flash memory status register 3
R
0000XXXXB
0075H
—
(Disabled)
—
—
0076H
WREN
Wild register address compare enable register
R/W
00000000B
0077H
WROR
Wild register data test setting register
R/W
00000000B
0078H
—
(Disabled)
—
—
0079H
ILR0
Interrupt level setting register 0
R/W
11111111B
007AH
ILR1
Interrupt level setting register 1
R/W
11111111B
007BH
ILR2
Interrupt level setting register 2
R/W
11111111B
007CH
ILR3
Interrupt level setting register 3
R/W
11111111B
007DH
ILR4
Interrupt level setting register 4
R/W
11111111B
007EH
ILR5
Interrupt level setting register 5
R/W
11111111B
007FH
to
0F7FH
—
(Disabled)
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com