Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 18Page - fujitsu semiconductor MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MB95430H Series
22
DS07–12xxx–1E
(Continued)
• R/W access symbols
• Initial value symbols
Note: Do not write to an address that is “(Disabled)”. If a “(Disabled)” address is read, an indeterminate value
is returned.
Address
Register
abbreviation
Register name
R/W
Initial value
0FE4H
CRTH
Main CR clock trimming register (upper)
R/W 0XXXXXXXB
0FE5H
CRTL
Main CR clock trimming register (lower)
R/W 00XXXXXXB
0FE6H,
0FE7H
—
(Disabled)
—
—
0FE8H
SYSC1
System configuration register 1
R/W
11000011B
0FE9H
CMCR
Clock monitoring control register
R/W
00000000B
0FEAH
CMDR
Clock monitoring data register
R
00000000B
0FEBH
WDTH
Watchdog timer selection ID register (upper)
R
XXXXXXXXB
0FECH
WDTL
Watchdog timer selection ID register (lower)
R
XXXXXXXXB
0FEDH
—
(Disabled)
—
—
0FEEH
ILSR
Input level select register
R/W
00000000B
0FEFH
WICR
Interrupt pin control register
R/W
01000000B
0FF0H
to
0FFFH
—
(Disabled)
—
—
R/W
: Readable / Writable
R
: Read only
W
: Write only
0
: The initial value of this bit is “0”.
1
: The initial value of this bit is “1”.
X
: The initial value of this bit is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com