Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 40Page - fujitsu semiconductor MB95430 Datasheet HTML 41Page - fujitsu semiconductor MB95430 Datasheet HTML 42Page - fujitsu semiconductor MB95430 Datasheet HTML 43Page - fujitsu semiconductor MB95430 Datasheet HTML 44Page - fujitsu semiconductor MB95430 Datasheet HTML 45Page - fujitsu semiconductor MB95430 Datasheet HTML 46Page - fujitsu semiconductor MB95430 Datasheet HTML 47Page - fujitsu semiconductor MB95430 Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
MB95430H Series
44
DS07–12xxx–1E
• Closed Loop Configuration
(VCC = 4.0 V to 5.5 V, TA =
−40°C to +85°C)
*: Gain error = 1
− (actual gain / design gain)
Parameter
Pin name
Value
Unit
Remarks
Min
Typ
Max
Minimum input voltage range
(10x, 20x, 60x)
OPAMP_P,
OPAMP_N
—
0.07
0.09
V
Minimum input voltage range
(30x, 40x, 50x)
OPAMP_P,
OPAMP_N
—
0.07
0.10
V
Maximum input voltage range
(10x, 20x, 30x, 40x, 50x, 60x)
OPAMP_P,
OPAMP_N
——
VCC/Gain
V
Output voltage range
OPAMP_O
0.1
—
VCC
− 0.1
V
Output capacitor load
OPAMP_O
—
—
20
pF
AD loading
(maximum ESR = 10k)
Closed loop bandwidth
OPAMP_O
1
—
—
MHz AD loading
Closed loop gain
OPAMP_O
10
—
60
V/V Selectable
Closed loop gain error*
(10x, 20x, 30x, 40x, 50x)
OPAMP_O
—
—
±10%
—
Closed loop gain error*
(60x)
OPAMP_O
—
—
±15%
—
Power down recovery time
OPAMP_O
—
—
200
µs
Slew rate
OPAMP_O
0.3
—
—
V/µs
Large signal response
OPAMP_O
—
—
6
µs
Small signal response
OPAMP_O
—
—
500
ns
Output stabilization time
OPAMP_O
—
—
60
µs
After changes in
values of RES0-RES2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com