Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB95430 Datasheet HTML 1Page - fujitsu semiconductor MB95430 Datasheet HTML 2Page - fujitsu semiconductor MB95430 Datasheet HTML 3Page - fujitsu semiconductor MB95430 Datasheet HTML 4Page - fujitsu semiconductor MB95430 Datasheet HTML 5Page - fujitsu semiconductor MB95430 Datasheet HTML 6Page - fujitsu semiconductor MB95430 Datasheet HTML 7Page - fujitsu semiconductor MB95430 Datasheet HTML 8Page - fujitsu semiconductor MB95430 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MB95430H Series
4
DS07–12xxx–1E
(Continued)
Part number
Parameter
MB95F432H
MB95F433H
MB95F434H
MB95F432K
MB95F433K
MB95F434K
I2C
1 channel
Master/slave transmission and receiving
It has a bus error function, an arbitration function, a transmission direction detection function
and a wake-up function.
It also has functions of generating and detecting repeated START conditions.
16-bit PPG
PWM mode and single-shot mode are available to use.
Ch. 0 can work with the multi-functional timer or individually.
Output
compare
1 channel of 16-bit free-running timer with a compare buffer
2 channels of 16-bit output compare
Voltage
comparator
4 channels
OPAMP
This is an operational amplifier used in an induction heater. It contains 7 software (registers)
select close loop gain selections for ground current sensing according to different sense
resistor values. The OPAMP can also work as a standalone OPAMP.
It selects closed loop gain for ground current sensing according to different sense resistor
values of a standalone OPAMP.
Watch
prescaler
Eight different time intervals can be selected.
Flash memory
It supports automatic programming, Embedded Algorithm, and write/erase/erase-suspend/
erase-resume commands.
It has a flag indicating the completion of the operation of Embedded Algorithm.
Number of write/erase cycles: 100000
Data retention time: 20 years
Flash security feature for protecting the content of the Flash memory
Standby mode Sleep mode, stop mode, watch mode, time-base timer mode
Package
FPT-32P-M30
DIP-32P-M06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com