Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 12Page - fujitsu semiconductor MB95430 Datasheet HTML 13Page - fujitsu semiconductor MB95430 Datasheet HTML 14Page - fujitsu semiconductor MB95430 Datasheet HTML 15Page - fujitsu semiconductor MB95430 Datasheet HTML 16Page - fujitsu semiconductor MB95430 Datasheet HTML 17Page - fujitsu semiconductor MB95430 Datasheet HTML 18Page - fujitsu semiconductor MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MB95430H Series
16
DS07–12xxx–1E
■ BLOCK DIAGRAM
Reset with LVD
Flash with security function
(20 Kbyte)
F2MC-8FX CPU
RAM (496 bytes)
Oscillator
circuit
CR
oscillator
Clock control
On-chip debug
Wild register
External interrupt
Comparator ch. 0
16-bit PPG
stop
trigger
OPAMP
UART/SIO
Port
Port
PF2*1/RST*2
PF1/X1*2
PF0/X0*2
(PG2/X1A*2)
(PG1/X0A*2)
(P00/INT00 to P07/INT07)
Interrupt controller
Buzzer
(P01/BZ, PG1/BZ)
16-bit free-run timer
8/16-bit composite timer
(P05/TO0)
(P06/TO1)
P12*1/EC0, (P07/EC0)
Comparator ch. 3
P67/CMP3_N
P66/CMP3_P
P65/CMP3_O
Comparator ch. 2
P64/CMP2_N
P63/CMP2_P
P76/CMP2_O
(P02/UCK, P76/UCK)
(P03/UO, P65/UO)
(P04/UI, P12*1/UI)
16-bit output compare
(P70/OUT0, PG1/OUT0)
(P73/OUT1, PG2/OUT1)
(P12*1/DBG)
P72/CMP0_N
P71/CMP0_P
Comparator ch. 1
P74/CMP1_P
P75/CMP1_N
I2C
(P04/SCL*3, P12*1/SCL)
(P03/SDA*3, P65/SDA*3)
8/10-bit A/D converter
P00/AN00
P01/AN01
P02/AN02
P03/AN03
P04/AN04
P05/AN05
P06/AN06
P70/CMP0_O
PG2/PPG, (P73/PPG)
PG1/TRG, (P70/TRG)
P60/OPAMP_P
P61/OPAMP_N
P07/AN07
(P71/AN08)
(P72/AN09)
(P73/AN10)
(P74/AN11)
(P75/AN12)
(P63/AN13)
(P64/AN14)
(P65/AN15)
Vcc
Vss
C
*1:
*2:
PF2 and P12 are N-ch open drain pins.
Software option
*3: This pin will work as an N-ch open drain pin during I2C operation.
Note: Pins in parentheses indicate that functions of those pins are shared among different resources.
P62/OPAMP_O
(PG1/ATDG)
P73/CMP1_O
8
8
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com