Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 28Page - fujitsu semiconductor MB95430 Datasheet HTML 29Page - fujitsu semiconductor MB95430 Datasheet HTML 30Page - fujitsu semiconductor MB95430 Datasheet HTML 31Page - fujitsu semiconductor MB95430 Datasheet HTML 32Page - fujitsu semiconductor MB95430 Datasheet HTML 33Page - fujitsu semiconductor MB95430 Datasheet HTML 34Page - fujitsu semiconductor MB95430 Datasheet HTML 35Page - fujitsu semiconductor MB95430 Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MB95430H Series
32
DS07–12xxx–1E
(2) Source Clock/Machine Clock
(VCC = 5.0 V
±10%, VSS = 0.0 V, TA = −40°C to +85°C)
*1: This is the clock before it is divided according to the division ratio set by the machine clock divide ratio select
bits (SYCC:DIV1 and DIV0). This source clock is divided to become a machine clock according to the divide
ratio set by the machine clock divide ratio select bits (SYCC:DIV1 and DIV0). In addition, a source clock can
be selected from the following.
• Main clock divided by 2
• Main CR clock
• Subclock divided by 2
• Sub-CR clock divided by 2
*2: This is the operating clock of the microcontroller. A machine clock can be selected from the following.
• Source clock (no division)
• Source clock divided by 4
• Source clock divided by 8
• Source clock divided by 16
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Source clock
cycle time*1
tSCLK
—
61.5
—
2000
ns
When the main external clock is used
Min: FCH = 32.5 MHz, divided by 2
Max: FCH = 1 MHz, divided by 2
80
—
1000
ns
When the main CR clock is used
Min: FCRH = 12.5 MHz
Max: FCRH = 1 MHz
—61
—
µs
When the sub-oscillation clock is used
FCL = 32.768 kHz, divided by 2
—20
—
µs
When the sub-CR clock is used
FCRL = 100 kHz, divided by 2
Source clock
frequency
FSP
—
0.5
—
16.25
MHz When the main oscillation clock is used
1
—
12.5
MHz When the main CR clock is used
FSPL
—
16.384
—
kHz When the sub-oscillation clock is used
—
50
—
kHz
When the sub-CR clock is used
FCRL = 100 kHz, divided by 2
Machine clock
cycle time*2
(minimum
instruction
execution
time)
tMCLK
—
61.5
—
32000
ns
When the main oscillation clock is used
Min: FSP = 16.25 MHz, no division
Max: FSP = 0.5 MHz, divided by 16
80
—
16000
ns
When the main CR clock is used
Min: FSP = 12.5 MHz
Max: FSP = 1 MHz, divided by 16
61
—
976.5
µs
When the sub-oscillation clock is used
Min: FSPL = 16.384 kHz, no division
Max: FSPL = 16.384 kHz, divided by 16
20
—
320
µs
When the sub-CR clock is used
Min: FSPL = 50 kHz, no division
Max: FSPL = 50 kHz, divided by 16
Machine clock
frequency
FMP
—
0.031
—
16.25
MHz When the main oscillation clock is used
0.0625
—
12.5
MHz When the main CR clock is used
FMPL
1.024
—
16.384
kHz When the sub-oscillation clock is used
3.125
—
50
kHz
When the sub-CR clock is used
FCRL = 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com