Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 41Page - fujitsu semiconductor MB95430 Datasheet HTML 42Page - fujitsu semiconductor MB95430 Datasheet HTML 43Page - fujitsu semiconductor MB95430 Datasheet HTML 44Page - fujitsu semiconductor MB95430 Datasheet HTML 45Page - fujitsu semiconductor MB95430 Datasheet HTML 46Page - fujitsu semiconductor MB95430 Datasheet HTML 47Page - fujitsu semiconductor MB95430 Datasheet HTML 48Page - fujitsu semiconductor MB95430 Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
45
5.
A/D Converter
(1) A/D Converter Electrical Characteristics
(VCC = 4.0 V to 5.5 V, VSS = 0.0 V, TA =
−40°C to +85°C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Resolution
—
——
10
bit
Total error
−3—
+3LSB
Linearity error
−2.5
—
+2.5
LSB
Differential linear
error
−1.9
—
+1.9
LSB
Zero transition
voltage
VOT
VSS
− 1.5 LSB VSS + 0.5 LSB VSS + 2.5 LSB
V
Full-scale transition
voltage
VFST
VCC
− 4.5 LSB
VCC
− 2 LSB
VCC
+ 0.5 LSB
V
Compare time
—
0.9
—
16500
µs
4.5 V
≤ VCC ≤ 5.5 V
1.8
—
16500
µs
4.0 V
≤ VCC < 4.5 V
Sampling time
—
0.6
—
∞
µs
4.5 V
≤ VCC ≤ 5.5 V,
with external
impedance < 5.4 k
Ω
1.2
—
∞
µs
4.0 V
≤ VCC < 4.5 V,
with external
impedance < 2.4 k
Ω
Analog input current
IAIN
−0.3
—
+0.3
µA
Analog input voltage
VAIN
VSS
—VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com