Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 4Page - fujitsu semiconductor MB95430 Datasheet HTML 5Page - fujitsu semiconductor MB95430 Datasheet HTML 6Page - fujitsu semiconductor MB95430 Datasheet HTML 7Page - fujitsu semiconductor MB95430 Datasheet HTML 8Page - fujitsu semiconductor MB95430 Datasheet HTML 9Page - fujitsu semiconductor MB95430 Datasheet HTML 10Page - fujitsu semiconductor MB95430 Datasheet HTML 11Page - fujitsu semiconductor MB95430 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MB95430H Series
8
DS07–12xxx–1E
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP32*1 SH-DIP32*2
15
PG2
C
General-purpose I/O port
PPG
16-bit PPG output pin
X1A
Subclock I/O oscillation pin
OUT1
Output compare ch. 1 output pin
26
PG1
C
General-purpose I/O port
TRG
16-bit PPG trigger input pin
ADTG
A/D converter trigger input pin
X0A
Subclock I/O oscillation pin
BZ
Buzzer output pin
OUT0
Output compare ch. 0 output pin
37
VCC
—
Power supply pin
4
8
C
—
Capacitor connection pin
59
P60
K
General-purpose I/O port
OPAMP_P
Operational amplifier input pin
610
P61
K
General-purpose I/O port
OPAMP_N
Operational amplifier input pin
711
P62
J
General-purpose I/O port
OPAMP_O
Operational amplifier output pin
812
P12
H
General-purpose I/O port
EC0
8/16-bit composite timer external clock input pin
UI
UART/SIO data input pin
SCL
I2C clock I/O pin
DBG
DBG input pin
913
P00
E
General-purpose I/O port
INT00
External interrupt input pin
AN00
A/D converter analog input pin
10
14
P01
E
General-purpose I/O port
INT01
External interrupt input pin
AN01
A/D converter analog input pin
BZ
Buzzer output pin
11
15
P02
E
General-purpose I/O port
INT02
External interrupt input pin
AN02
A/D converter analog input pin
UCK
UART/SIO clock I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com