Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 42Page - fujitsu semiconductor MB95430 Datasheet HTML 43Page - fujitsu semiconductor MB95430 Datasheet HTML 44Page - fujitsu semiconductor MB95430 Datasheet HTML 45Page - fujitsu semiconductor MB95430 Datasheet HTML 46Page - fujitsu semiconductor MB95430 Datasheet HTML 47Page - fujitsu semiconductor MB95430 Datasheet HTML 48Page - fujitsu semiconductor MB95430 Datasheet HTML 49Page - fujitsu semiconductor MB95430 Datasheet HTML 50Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MB95430H Series
46
DS07–12xxx–1E
(2) Notes on Using the A/D Converter
• External impedance of analog input and its sampling time
• The A/D converter has a sample and hold circuit. If the external impedance is too high to keep sufficient
sampling time, the analog voltage charged to the capacitor of the internal sample and hold circuit is
insufficient, adversely affecting A/D conversion precision. Therefore, to satisfy the A/D conversion precision
standard, considering the relationship between the external impedance and minimum sampling time, either
adjust the register value and operating frequency or decrease the external impedance so that the sampling
time is longer than the minimum value. In addition, if sufficient sampling time cannot be secured, connect
a capacitor of about 0.1 µF to the analog input pin.
• A/D conversion error
As |VCC
−VSS| decreases, the A/D conversion error increases proportionately.
Note: The values are reference values.
4.5 V
≤ VCC ≤ 5.5 V
4.0 V
≤ VCC < 4.5 V
1.95 k
Ω (Max)
8.98 k
Ω (Max)
17 pF (Max)
VCC
R
C
17 pF (Max)
Comparator
Analog input
During sampling: ON
R
C
• Analog input equivalent circuit
[External impedance = 0 k
Ω to 100 kΩ]
Minimum sampling time [
μs]
Minimum sampling time [
μs]
[External impedance = 0 k
Ω to 20 kΩ]
100
90
80
70
60
50
40
30
20
10
0
20
18
16
14
12
10
8
6
4
2
0
0246
8
10
12
14
1
02
3
4
≥
≥
≥
(VCC
≥ 4.5 V)
(VCC 4.0 V)
(VCC 4.5 V)
(VCC 4.0 V)
• Relationship between external impedance and minimum sampling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com