Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 41 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 41 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 37Page - fujitsu semiconductor MB95430 Datasheet HTML 38Page - fujitsu semiconductor MB95430 Datasheet HTML 39Page - fujitsu semiconductor MB95430 Datasheet HTML 40Page - fujitsu semiconductor MB95430 Datasheet HTML 41Page - fujitsu semiconductor MB95430 Datasheet HTML 42Page - fujitsu semiconductor MB95430 Datasheet HTML 43Page - fujitsu semiconductor MB95430 Datasheet HTML 44Page - fujitsu semiconductor MB95430 Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
41
(Continued)
(VCC = 5.0 V
±10%, AVSS = VSS = 0.0 V, TA = −40°C to +85°C)
*1: R represents the pull-up resistor of the SCL and SDA lines, and C the load capacitor of the SCL and SDA lines.
*2: • See “(2) Source Clock/Machine Clock” for tMCLK.
• m represents the CS4 bit and CS3 bit (bit 4 and bit 3) in the I2C clock control register (ICCR0).
• n represents the CS2 bit to CS0 bit (bit 2 to bit 0) in the I2C clock control register (ICCR0).
• The actual timing of I2C is determined by the values of m and n set by the machine clock (tMCLK) and the
CS4 to CS0 bits in the ICCR0 register.
• Standard-mode:
m and n can be set to values in the following range: 0.9 MHz < tMCLK (machine clock) < 10 MHz.
The usable frequencies of the machine clock are determined by the settings of m and n as shown below.
(m, n) = (1, 8)
: 0.9 MHz < tMCLK
≤ 1 MHz
(m, n) = (1, 22), (5, 4), (6, 4), (7, 4), (8, 4)
: 0.9 MHz < tMCLK
≤ 2 MHz
(m, n) = (1, 38), (5, 8), (6, 8), (7, 8), (8, 8)
: 0.9 MHz < tMCLK
≤ 4 MHz
(m, n) = (1, 98)
: 0.9 MHz < tMCLK
≤ 10 MHz
• Fast-mode:
m and n can be set to values in the following range: 3.3 MHz < tMCLK (machine clock) < 10 MHz.
The usable frequencies of the machine clock are determined by the settings of m and n as shown below.
(m, n) = (1, 8)
: 3.3 MHz < tMCLK
≤ 4 MHz
(m, n) = (1, 22), (5, 4)
: 3.3 MHz < tMCLK
≤ 8 MHz
(m, n) = (6, 4)
: 3.3 MHz < tMCLK
≤ 10 MHz
Parameter
Sym-
bol
Pin
name
Condition
Value*2
Unit
Remarks
Min
Max
SCL clock “L” width
tLOW
SCL
R = 1.7 k
Ω,
C = 50 pF*1
4 tMCLK
− 20
—
ns
At reception
SCL clock “H” width
tHIGH
SCL
4 tMCLK
− 20
—
ns
At reception
START condition
detection
tHD;STA
SCL,
SDA
2 tMCLK
− 20
—ns
Undetected when 1
tMCLK is used at
reception
STOP condition
detection
tSU;STO
SCL,
SDA
2 tMCLK
− 20
—ns
Undetected when 1
tMCLK is used at
reception
RESTART condition
detection condition
tSU;STA
SCL,
SDA
2 tMCLK
− 20
—ns
Undetected when 1
tMCLK is used at
reception
Bus free time
tBUF
SCL,
SDA
2 tMCLK
− 20
—
ns
At reception
Data hold time
tHD;DAT
SCL,
SDA
2 tMCLK
− 20
—ns
At slave
transmission mode
Data setup time
tSU;DAT
SCL,
SDA
tLOW
− 3 tMCLK − 20
—ns
At slave
transmission mode
Data hold time
tHD;DAT
SCL,
SDA
0
—
ns
At reception
Data setup time
tSU;DAT
SCL,
SDA
tMCLK
− 20
—
ns
At reception
SDA
↓ → SCL↑
(at wakeup function)
tWAKEUP
SCL,
SDA
Oscillation
stabilization wait
time
+2 tMCLK − 20
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com