Electronic Components Datasheet Search
  English  ▼

X  

MB95430 Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB95430 Datasheet HTML 19Page - fujitsu semiconductor MB95430 Datasheet HTML 20Page - fujitsu semiconductor MB95430 Datasheet HTML 21Page - fujitsu semiconductor MB95430 Datasheet HTML 22Page - fujitsu semiconductor MB95430 Datasheet HTML 23Page - fujitsu semiconductor MB95430 Datasheet HTML 24Page - fujitsu semiconductor MB95430 Datasheet HTML 25Page - fujitsu semiconductor MB95430 Datasheet HTML 26Page - fujitsu semiconductor MB95430 Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
MB95430H Series
DS07–12xxx–1E
23
■ INTERRUPT SOURCE TABLE
Interrupt source
Interrupt
request
number
Vector table address
Bit name of
interrupt level
setting register
Priority order of
interrupt
sources of the
same level
(occurring
simultaneously)
Upper
Lower
External interrupt ch. 0
IRQ00
FFFAH
FFFBH
L00 [1:0]
High
Low
External interrupt ch. 4
External interrupt ch. 1
IRQ01
FFF8H
FFF9H
L01 [1:0]
External interrupt ch. 5
External interrupt ch. 2
IRQ02
FFF6H
FFF7H
L02 [1:0]
External interrupt ch. 6
External interrupt ch. 3
IRQ03
FFF4H
FFF5H
L03 [1:0]
External interrupt ch. 7
UART/SIO
IRQ04
FFF2H
FFF3H
L04 [1:0]
8/16-bit composite timer ch. 0
(lower)
IRQ05
FFF0H
FFF1H
L05 [1:0]
8/16-bit composite timer ch. 0
(upper)
IRQ06
FFEEH
FFEFH
L06 [1:0]
Output compare ch. 0 match
IRQ07
FFECH
FFEDH
L07 [1:0]
Output compare ch. 1 match
IRQ08
FFEAH
FFEBH
L08 [1:0]
—
IRQ09
FFE8H
FFE9H
L09 [1:0]
Voltage comparator ch. 0
IRQ10
FFE6H
FFE7H
L10 [1:0]
Voltage comparator ch. 1
IRQ11
FFE4H
FFE5H
L11 [1:0]
Voltage comparator ch. 2
IRQ12
FFE2H
FFE3H
L12 [1:0]
Voltage comparator ch. 3
IRQ13
FFE0H
FFE1H
L13 [1:0]
16-bit free-running timer (compare
match/zero-detect/overflow)
IRQ14
FFDEH
FFDFH
L14 [1:0]
16-bit PPG
IRQ15
FFDCH
FFDDH
L15 [1:0]
I2C
IRQ16
FFDAH
FFDBH
L16 [1:0]
—
IRQ17
FFD8H
FFD9H
L17 [1:0]
8/10-bit A/D converter
IRQ18
FFD6H
FFD7H
L18 [1:0]
Time-base timer
IRQ19
FFD4H
FFD5H
L19 [1:0]
Watch prescaler
IRQ20
FFD2H
FFD3H
L20 [1:0]
—
IRQ21
FFD0H
FFD1H
L21 [1:0]
—
IRQ22
FFCEH
FFCFH
L22 [1:0]
Flash memory
IRQ23
FFCCH
FFCDH
L23 [1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com