Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 180 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 176Page - Texas Instruments AM3892 Datasheet HTML 177Page - Texas Instruments AM3892 Datasheet HTML 178Page - Texas Instruments AM3892 Datasheet HTML 179Page - Texas Instruments AM3892 Datasheet HTML 180Page - Texas Instruments AM3892 Datasheet HTML 181Page - Texas Instruments AM3892 Datasheet HTML 182Page - Texas Instruments AM3892 Datasheet HTML 183Page - Texas Instruments AM3892 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 299 page
background image
=
Rtt
A2
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
A.
It is very likely that the longest CK/ADDR_CTRL Manhattan distance will be for Address Input 8 (A8) on the DDR3
memories. CACLM is based on the longest Manhattan distance due to the device placement. Verify the net class that
satisfies this criteria and use as the baseline for CK/ADDR_CTRL skew matching and length control.
The length of shorter CK/ADDR_CTRL stubs as well as the length of the terminator stub are not included in this
length caculation. Non-included lengths are grayed out in the figure.
Assuming A8 is the longest, CALM = CACLMY + CACLMX + 300 mils.
The extra 300 mils allows for routing down lower than the DDR3 memories and returning up to reach A8.
Figure 8-38. CACLM for Two Address Loads on One Side of PCB
Table 8-24. CK and ADDR_CTRL Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
A1+A2 length
2500
mils
2
A1+A2 skew
25
mils
3
A3 length
660
mils
4
A3 skew(3)
25
mils
5
A3 skew(4)
125
mils
6
A4 length
660
mils
7
A4 skew
25
mils
8
AS length
100
mils
9
AS skew
100
mils
10
AS+/AS- length
70
mils
11
AS+/AS- skew
5
mils
12
AT length(5)
500
mils
13
AT skew(6)
100
mils
14
AT skew(7)
5
mils
15
CK/ADDR_CTRL nominal trace length(8)
CACLM-50
CACLM
CACLM+50
mils
(1)
The use of vias should be minimized.
(2)
Additional bypass capacitors are required when using the DDR_1V5 plane as the reference plane to allow the return current to jump
between the DDR_1V5 plane and the ground plane when the net class swtiches layers at a via.
(3)
Non-mirrored configuration (all DDR3 memories on same side of PCB).
(4)
Mirrored configuration (one DDR3 device on top of the board and one DDR3 device on the bottom).
(5)
While this length can be increased for convienience, its length should be minimized.
(6)
ADDR_CTRL net class only (not CK net class). Minimizing this skew is recommended, but not required.
(7)
CK net class only.
(8)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes + 300 mils. For definition, see Section 8.3.2.16.1,
Figure 8-37, and Figure 8-38.
180
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com