Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 179Page - Texas Instruments AM3892 Datasheet HTML 180Page - Texas Instruments AM3892 Datasheet HTML 181Page - Texas Instruments AM3892 Datasheet HTML 182Page - Texas Instruments AM3892 Datasheet HTML 183Page - Texas Instruments AM3892 Datasheet HTML 184Page - Texas Instruments AM3892 Datasheet HTML 185Page - Texas Instruments AM3892 Datasheet HTML 186Page - Texas Instruments AM3892 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.3.3
DDR2/3 Memory Controller Register Descriptions
Table 8-26. DDR2/3 Memory Controller Registers
DDR0 HEX ADDRESS
DDR1 HEX ADDRESS
ACRONYM
REGISTER NAME
0x4819 8004
0x4819 A004
SDRSTAT
SDRAM Status
0x4819 8008
0x4819 A008
SDRCR
SDRAM Config
0x4819 8010
0x4819 A010
SDRRCR
SDRAM Refresh Control
0x4819 8014
0x4819 A014
SDRRCSR
SDRAM Refresh Control Shadow
0x4819 8018
0x4819 A018
SDRTIM1
SDRAM Timing 1
0x4819 801C
0x4819 A01C
SDRTIM1SR
SDRAM Timing 1 Shadow
0x4819 8020
0x4819 A020
SDRTIM2
SDRAM Timing 2
0x4819 8024
0x4819 A024
SDRTIM2SR
SDRAM Timing 2 Shadow
0x4819 8028
0x4819 A028
SDRTIM3
SDRAM Timing 3
0x4819 802C
0x4819 A02C
SDRTIM3SR
SDRAM Timing 3 Shadow
0x4819 8038
0x4819 A038
PMCR
Power Management Control
0x4819 803C
0x4819 A03C
PMCSR
Power Management Control Shadow
0x4819 8054
0x4819 A054
PBBPR
Peripheral Bus Burst Priority
0x4819 80A0
0x4819 A0A0
EOI
End of Interrupt
0x4819 80A4
0x4819 A0A4
SOIRSR
System OCP Interrupt Raw Status
0x4819 80AC
0x4819 A0AC
SOISR
System OCP Interrupt Status
0x4819 80B4
0x4819 A0B4
SOIESR
System OCP Interrupt Enable Set
0x4819 80BC
0x4819 A0BC
SOIECR
System OCP Interrupt Enable Clear
0x4819 80C8
0x4819 A0C8
ZQCR
SDRAM output Impedance Calibration Config
0x4819 80DC
0x4819 A0DC
RWLCR
Read-Write Leveling Control
0x4819 80E4
0x4819 A0E4
DDRPHYCR
DDR PHY Control
0x4819 80E8
0x4819 A0E8
DDRPHYCSR
DDR PHY Control Shadow
8.3.4
DDR2/3 Memory Controller Electrical Data/Timing
Section 8.3.1, DDR2 Routing Guidelines and Section 8.3.2, DDR3 Routing Guidelines specify a complete
DDR2/3 interface solution for the device. TI has performed the simulation and system characterization to
ensure all DDR2/3 interface timings in this solution are met.
TI only supports board designs that follow the guidelines outlined in the DDR2 Routing Guidelines and
DDR3 Routing Guidelines sections of this data sheet.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
183
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com