Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 201 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 197Page - Texas Instruments AM3892 Datasheet HTML 198Page - Texas Instruments AM3892 Datasheet HTML 199Page - Texas Instruments AM3892 Datasheet HTML 200Page - Texas Instruments AM3892 Datasheet HTML 201Page - Texas Instruments AM3892 Datasheet HTML 202Page - Texas Instruments AM3892 Datasheet HTML 203Page - Texas Instruments AM3892 Datasheet HTML 204Page - Texas Instruments AM3892 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.6.3
Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The MDIO module implements the 802.3 serial management interface to interrogate and control Ethernet
PHY(s) using a shared two-wire bus. Host software uses the MDIO module to configure the
auto-negotiation parameters of each PHY attached to the EMAC, retrieve the negotiation results, and
configure required parameters in the EMAC module for correct operation. The module is designed to allow
almost transparent operation of the MDIO interface, with very little maintenance from the core processor.
A single MDIO interface is pinned out to control the PHY configuration and status monitoring. Multiple
external PHYs can be controlled by the MDIO interface.
For more detailed information on the MDIO peripheral, see the EMAC/MDIO chapter in the AM38x Sitara
ARM Microprocessors (MPUs) Technical Reference Manual (literature number SPRUGX7).
8.6.3.1
MDIO Peripheral Register Descriptions
Table 8-46. MDIO Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4A10 0800
VERSION
MDIO Version
0x4A10 0804
CONTROL
MDIO Control
0x4A10 0808
ALIVE
PHY Alive Status
0x4A10 080C
LINK
PHY Link Status
0x4A10 0810
LINKINTRAW
MDIO Link Status Change Interrupt (Unmasked)
0x4A10 0814
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked)
0x4A10 0818
-
Reserved
0x4A10 081C
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked)
0x4A10 0820
USERINTMASKED
MDIO User Command Complete Interrupt (Masked)
0x4A10 0824
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set
0x4A10 0828
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear
0x4A10 082C
-
Reserved
0x4A10 0830 - 0x4A10 087C
USERACCESS0
MDIO User Access 0
0x4A10 0880
USERPHYSEL0
MDIO User PHY Select 0
0x4A10 0884
USERACCESS1
MDIO User Access 1
0x4A10 0888
USERPHYSEL1
MDIO User PHY Select 1
8.6.3.2
MDIO Electrical Data/Timing
Table 8-47. Timing Requirements for MDIO Input
(see Figure 8-48)
NO.
MIN
MAX
UNIT
1
tc(MCLK)
Cycle time, MDIO_MCLK
400
ns
tw(MCLK)
Pulse duration, MDIO_MCLK high or low
180
ns
4
tsu(MDIO-MCLKH)
Setup time, MDIO_MDIO data input valid before MDIO_MCLK high
20
ns
5
th(MCLKH-MDIO)
Hold time, MDIO_MDIO data input valid after MDIO_MCLK high
0
ns
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
201
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com