Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 195Page - Texas Instruments AM3892 Datasheet HTML 196Page - Texas Instruments AM3892 Datasheet HTML 197Page - Texas Instruments AM3892 Datasheet HTML 198Page - Texas Instruments AM3892 Datasheet HTML 199Page - Texas Instruments AM3892 Datasheet HTML 200Page - Texas Instruments AM3892 Datasheet HTML 201Page - Texas Instruments AM3892 Datasheet HTML 202Page - Texas Instruments AM3892 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 299 page
background image
EMAC[1:0]_RXCLK
2
3
1
4
4
EMAC[1:0]_TXCLK
2
3
1
4
4
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.6.2
EMAC Electrical Data/Timing
Table 8-41. Timing Requirements for EMAC[1:0]_RXCLK - [G]MII Operation
(see Figure 8-44)
1000 Mbps (1 Gbps)
100 Mbps
10 Mbps
(GMII Only)
NO.
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Cycle time,
1
tc(RXCLK)
8
40
400
ns
EMAC[1:0]_RXCLK
Pulse duration,
2
tw(RXCLKH)
2.8
14
140
ns
EMAC1:0]_RXCLK high
Pulse duration,
3
tw(RXCLKL)
2.8
14
140
ns
EMAC[1:0]_RXCLK low
Transition time,
4
tt(RXCLK)
1
3
3
ns
EMAC[1:0]_RXCLK
Figure 8-44. EMAC[1:0]_RXCLK Timing
Table 8-42. Timing Requirements for EMAC[1:0]_TXCLK - [G]MII Operation
(see Figure 8-45)
1000 Mbps (1 Gbps)
100 Mbps
10 Mbps
(GMII Only)
NO.
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Cycle time,
1
tc(TXCLK)
8
40
400
ns
EMAC[1:0]_TXCLK
Pulse duration,
2
tw(TXCLKH)
2.8
14
140
ns
EMAC[1:0]_TXCLK high
Pulse duration,
3
tw(TXCLKL)
2.8
14
140
ns
EMAC[1:0]_TXCLK low
Transition time,
4
tt(TXCLK)
1
3
3
ns
EMAC[1:0]_TXCLK
Figure 8-45. EMAC[1:0]_TXCLK Timing
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
199
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com