Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 293 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 293 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 289Page - Texas Instruments AM3892 Datasheet HTML 290Page - Texas Instruments AM3892 Datasheet HTML 291Page - Texas Instruments AM3892 Datasheet HTML 292Page - Texas Instruments AM3892 Datasheet HTML 293Page - Texas Instruments AM3892 Datasheet HTML 294Page - Texas Instruments AM3892 Datasheet HTML 295Page - Texas Instruments AM3892 Datasheet HTML 296Page - Texas Instruments AM3892 Datasheet HTML 297Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 299 page
background image
tr
tf
VCRS
90% VOH
10% VOL
USB_DN
USB_DP
tper − tjr
USB_VSSREF
USB_R1
USB
10K
±1%
(A)
A.Placethe10K
±1%asclosetothedeviceaspossible.
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.21.2 USB2.0 Electrical Data/Timing
Table 8-116. Switching Characteristics Over Recommended Operating Conditions for USB2.0
(see Figure 8-90)
LOW SPEED
FULL SPEED
HIGH SPEED
1.5 Mbps
12 Mbps
480 Mbps
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tr(D)
Rise time, USB_DP and USB_DN signals(1)
75
300
4
20
0.5
ns
2
tf(D)
Fall time, USB_DP and USB_DN signals(1)
75
300
4
20
0.5
ns
3
trfM
Rise/Fall time, matching(2)
80
125
90
111.11
–
–
%
4
VCRS
Output signal cross-over voltage(1)
1.3
2
1.3
2
–
–
V
5
tjr(source)NT
Source (Host) Driver jitter, next transition
2
2
(3)
ns
tjr(FUNC)NT
Function Driver jitter, next transition
25
2
(3)
ns
6
tjr(source)PT
Source (Host) Driver jitter, paired transition(4)
1
1
(3)
ns
tjr(FUNC)PT
Function Driver jitter, paired transition
10
1
(3)
ns
7
tw(EOPT)
Pulse duration, EOP transmitter
1250
1500
160
175
–
–
ns
8
tw(EOPR)
Pulse duration, EOP receiver
670
82
–
ns
9
t(DRATE)
Data Rate
1.5
12
480 Mb/s
10
ZDRV
Driver Output Resistance
–
–
28
49.5
40.5
49.5
Ω
11
USB_R1
USB reference resistor
9.9
10.1
9.9
10.1
9.9
10.1
k
Ω
(1)
Low Speed: CL = 200 pF, Full Speed: CL = 50 pF, High Speed: CL = 50 pF
(2)
tRFM = (tr/tf) x 100. [Excluding the first transaction from the Idle state.]
(3)
For more detailed information, see the Universal Serial Bus Specification Revision 2.0, Chapter 7, Electrical.
(4)
tjr = tpx(1) - tpx(0)
Figure 8-90. USB2.0 Integrated Transceiver Interface Timing
Figure 8-91. USB Reference Resistor Routing
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
293
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com