Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 295 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 295 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 291Page - Texas Instruments AM3892 Datasheet HTML 292Page - Texas Instruments AM3892 Datasheet HTML 293Page - Texas Instruments AM3892 Datasheet HTML 294Page - Texas Instruments AM3892 Datasheet HTML 295Page - Texas Instruments AM3892 Datasheet HTML 296Page - Texas Instruments AM3892 Datasheet HTML 297Page - Texas Instruments AM3892 Datasheet HTML 298Page - Texas Instruments AM3892 Datasheet HTML 299Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 295 / 299 page
background image
ARM Cortex-A8 MPU:
AM3894
AM3892
DEVICE
PREFIX
X
AM3894
X = Experimental device
Blank = Qualified device
CYG
PACKAGE TYPE
(A)
CYG = 1031-pin plastic BGA, with Pb-Free solder balls
DEVICE SPEED RANGE
Blank =
120 = 1.2-GHz ARM
150 = 1.5-GHz ARM
1.0-GHz ARM (default)
(
)
TEMPERATURE RANGE
Blank = 0°C to 85°C (default commercial operating case temperature)
(
)
A
SILICON REVISION
Blank = silicon revision 1.0
A = silicon revision 1.1
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, CYG), the temperature range (for example, blank is the default commercial
operating case temperature range), and the device speed range (for example, blank is the default
[1.0-GHz ARM]). Figure 9-1 provides a legend for reading the complete device name for any AM389x
device.
For device part numbers and further ordering information of AM389x devices in the CYG package type,
see the TI website (www.ti.com) or contact your TI sales representative.
For additional description of the device nomenclature markings on the die, see the AM389x Sitara ARM
Microprocessors (MPUs) Silicon Errata (literature number SPRZ327).
A.
BGA = Ball-Grid Array.
Figure 9-1. Device Nomenclature
9.2
Documentation Support
The following documents describe the AM389x Sitara™ ARM MPUs. Copies of these documents are
available on the Internet at www.ti.com. Tip: Enter the literature number in the search box.
SPRUGX7
AM38x Sitara ARM Microporcessors (MPUs) Technical Reference Manual.
9.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
Copyright © 2010–2011, Texas Instruments Incorporated
Device and Documentation Support
295
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com