Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 15Page - Integrated Device Technology 90E21 Datasheet HTML 16Page - Integrated Device Technology 90E21 Datasheet HTML 17Page - Integrated Device Technology 90E21 Datasheet HTML 18Page - Integrated Device Technology 90E21 Datasheet HTML 19Page - Integrated Device Technology 90E21 Datasheet HTML 20Page - Integrated Device Technology 90E21 Datasheet HTML 21Page - Integrated Device Technology 90E21 Datasheet HTML 22Page - Integrated Device Technology 90E21 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
19
January 10, 2012
5
REGISTER
5.1
REGISTER LIST
Table-11 Register List
Register
Address
Register Name
Read/Write
Type
Functional Description
Comment
note 1
Page
Status and Special Register
00H
SoftReset
W
Software Reset
P21
01H
SysStatus
R/C
System Status
different for various chips
note 2, note 3
P22
02H
FuncEn
R/W
Function Enable
different for various chips
note 2
P23
03H
SagTh
R/W
Voltage Sag Threshold
P23
04H
SmallPMod
R/W
Small-Power Mode
P24
06H
LastSPIData
R
Last Read/Write SPI Value
P24
Metering Calibration and Configuration Register
20H
CalStart
R/W
Calibration Start Command
P25
21H
PLconstH
R/W
High Word of PL_Constant
P25
22H
PLconstL
R/W
Low Word of PL_Constant
P26
23H
Lgain
R/W
L Line Calibration Gain
P26
24H
Lphi
R/W
L Line Calibration Angle
P26
25H
Ngain
R/W
N Line Calibration Gain
Not applicable to the 90E21/22
note 3
P27
26H
Nphi
R/W
N Line Calibration Angle
Not applicable to the 90E21/22
note 3
P27
27H
PStartTh
R/W
Active Startup Power Threshold
P27
28H
PNolTh
R/W
Active No-Load Power Threshold
P28
29H
QStartTh
R/W
Reactive Startup Power Threshold
Not applicable to the 90E21/23
note 2
P28
2AH
QNolTh
R/W
Reactive No-Load Power Threshold
Not applicable to the 90E21/23
note 2
P28
2BH
MMode
R/W
Metering Mode Configuration
different for various chips
note 2, note 3
P29
2CH
CS1
R/W
Checksum 1
P31
Measurement Calibration Register
30H
AdjStart
R/W
Measurement Calibration Start Command
P32
31H
Ugain
R/W
Voltage rms Gain
P32
32H
IgainL
R/W
L Line Current rms Gain
P33
33H
IgainN
R/W
N Line Current rms Gain
Not applicable to the 90E21/22
note 3
P33
34H
Uoffset
R/W
Voltage Offset
P33
35H
IoffsetL
R/W
L Line Current Offset
P34
36H
IoffsetN
R/W
N Line Current Offset
Not applicable to the 90E21/22
note 3
P34
37H
PoffsetL
R/W
L Line Active Power Offset
P34
38H
QoffsetL
R/W
L Line Reactive Power Offset
Not applicable to the 90E21/23
note 2
P35
39H
PoffsetN
R/W
N Line Active Power Offset
Not applicable to the 90E21/22
note 3
P35
3AH
QoffsetN
R/W
N Line Reactive Power Offset
Not applicable to the 90E21/22/23
note 2, note 3
P35
3BH
CS2
R/W
Checksum 2
P36
Energy Register
40H
APenergy
R/C
Forward Active Energy
P37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com