Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 37 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 33Page - Integrated Device Technology 90E21 Datasheet HTML 34Page - Integrated Device Technology 90E21 Datasheet HTML 35Page - Integrated Device Technology 90E21 Datasheet HTML 36Page - Integrated Device Technology 90E21 Datasheet HTML 37Page - Integrated Device Technology 90E21 Datasheet HTML 38Page - Integrated Device Technology 90E21 Datasheet HTML 39Page - Integrated Device Technology 90E21 Datasheet HTML 40Page - Integrated Device Technology 90E21 Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
37
January 10, 2012
5.4
ENERGY REGISTER
Theory of Energy Registers
The internal energy resolution is 0.01 pulse. Within 0.01 pulse, forward and
reverse energy are counteracted. When energy exceeds 0.01 pulse, the respec-
tive forward/reserve energy is increased. The forward and reverse energy are
not counteracted in absolute energy registers. Take the example of active
energy, suppose:
T0: Forward energy is 12.34 pulses and reverse energy is 1.23 pulses;
From T0 to T1: 0.005 forward pulse appeared
From T1 to T2: 0.004 reverse pulse appeared
From T2 to T3: 0.003 reverse pulse appeared
When forward/reverse energy or absolute energy reaches 0.1 pulse, the respec-
tive register is updated. When forward/reverse energy or absolute energy
reaches 1 pulse, CFx pins output pulse and the REVP/REVQ bits (EnStatus,
46H) are updated.
Absolute energy might be more than the sum of forward and reverse energies. If
“consistency” is required between absolute energy and forward/reverse energy
in system application, absolute energy can be obtained by calculating the read-
out of the forward and reverse energy registers.
APenergy
Forward Active Energy
ANenergy
Reverse Active Energy
T0
T1
T2
T3
Forward Active Pulse
12.34
12.345
12.341
12.34
Reserve Active Pulse
1.23
1.23
1.23
1.232
Absolute Active Pulse
13.57
13.575
13.579
13.582
Address: 40H
Type: Read/Clear
Default Value: 0000H
Bit
Name
Description
15 - 0
APenergy[15:0]
Forward active energy; cleared after read.
Data format is XXXX.X pulses. Resolution is 0.1 pulse. Maximum is 6553.5 pulses.
When the accumulation of this register has achieved FFFFH, the continuation accumulation will return to 0000H.
Address: 41H
Type: Read/Clear
Default Value: 0000H
Bit
Name
Description
15 - 0
ANenergy[15:0]
Reverse active energy, cleared after read.
Data format is XXXX.X pulses. Resolution is 0.1 pulse. Maximum is 6553.5 pulses.
When the accumulation of this register has achieved FFFFH, the continuation accumulation will return to 0000H.
15
14
13
12
11
10
9
8
APenergy15
APenergy14
APenergy13
APenergy12
APenergy11
APenergy10
APenergy9
APenergy8
765
432
1
0
APenergy7
APenergy6
APenergy5
APenergy4
APenergy3
APenergy2
APenergy1
APenergy0
15
14
13
12
11
10
9
8
ANenergy15
ANenergy14
ANenergy13
ANenergy12
ANenergy11
ANenergy10
ANenergy9
ANenergy8
765
432
1
0
ANenergy7
ANenergy6
ANenergy5
ANenergy4
ANenergy3
ANenergy2
ANenergy1
ANenergy0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com