Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 43 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 43 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 39Page - Integrated Device Technology 90E21 Datasheet HTML 40Page - Integrated Device Technology 90E21 Datasheet HTML 41Page - Integrated Device Technology 90E21 Datasheet HTML 42Page - Integrated Device Technology 90E21 Datasheet HTML 43Page - Integrated Device Technology 90E21 Datasheet HTML 44Page - Integrated Device Technology 90E21 Datasheet HTML 45Page - Integrated Device Technology 90E21 Datasheet HTML 46Page - Integrated Device Technology 90E21 Datasheet HTML 47Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
43
January 10, 2012
Freq
Voltage Frequency
PowerF
L Line Power Factor
Pangle
Phase Angle between Voltage and L Line Current
Address: 4CH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Freq[15:0]
Voltage frequency.
Data format is XX.XX. Frequency measurement range is 45.00~65.00Hz. For example, 1388H corresponds to 50.00Hz.
Address: 4DH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
PowerF[15:0]
L line power factor.
Signed, MSB is the sign bit. Data format is X.XXX. Power factor range: -1.000~+1.000. For example, 03E8H corresponds to the
power factor of 1.000, and 83E8H corresponds to the power factor of -1.000.
Address: 4EH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Pangle[15:0]
L line voltage current angle.
Signed, MSB is the sign bit. Data format is XXX.X. Angle range: -180.0~+180.0 degree.
15
14
13
12
11
10
9
8
Freq15
Freq14
Freq13
Freq12
Freq11
Freq10
Freq9
Freq8
765
432
1
0
Freq7
Freq6
Freq5
Freq4
Freq3
Freq2
Freq1
Freq0
15
14
13
12
11
10
9
8
PowerF15
PowerF14
PowerF13
PowerF12
PowerF11
PowerF10
PowerF9
PowerF8
765
432
1
0
PowerF7
PowerF6
PowerF5
PowerF4
PowerF3
PowerF2
PowerF1
PowerF0
15
14
13
12
11
10
9
8
Pangle15
Pangle14
Pangle13
Pangle12
Pangle11
Pangle10
Pangle9
Pangle8
765
432
1
0
Pangle7
Pangle6
Pangle5
Pangle4
Pangle3
Pangle2
Pangle1
Pangle0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com