Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 22 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 18Page - Integrated Device Technology 90E21 Datasheet HTML 19Page - Integrated Device Technology 90E21 Datasheet HTML 20Page - Integrated Device Technology 90E21 Datasheet HTML 21Page - Integrated Device Technology 90E21 Datasheet HTML 22Page - Integrated Device Technology 90E21 Datasheet HTML 23Page - Integrated Device Technology 90E21 Datasheet HTML 24Page - Integrated Device Technology 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
22
January 10, 2012
SysStatus
System Status
Address: 01H
Type: Read/Clear
Default Value: 0000H
Bit
Name
Description
15 - 14
CalErr[1:0]
These bits indicate CS1 checksum status.
00: CS1 checksum correct (default)
11: CS1 checksum error. At the same time, the WarnOut pin is asserted.
13 - 12
AdjErr[1:0]
These bits indicate CS2 checksum status.
00: CS2 checksum correct (default)
11: CS2 checksum error.
11 - 8
-
Reserved.
7
LNchange
This bit indicates whether there is any change of the metering line (L line and N line).
0: metering line no change (default)
1: metering line changed
6RevQchq
This bit indicates whether there is any change with the direction of reactive energy.
0: direction of reactive energy no change (default)
1: direction of reactive energy changed
This status is enabled by the RevQEn bit(FuncEn, 02H).
5
RevPchg
This bit indicates whether there is any change with the direction of active energy.
0: direction of active energy no change (default)
1: direction of active energy changed
This status is enabled by the RevPEn bit (FuncEn, 02H).
4 - 2
-
Reserved.
1
SagWarn
This bit indicates the voltage sag status.
0: no voltage sag (default)
1: voltage sag
Voltage sag is enabled by the SagEn bit (FuncEn, 02H).
Voltage sag status can also be reported by the WarnOut pin. It is enabled by the SagWo bit(FuncEn, 02H).
0-
Reserved.
Note:
Any of the above events will prompt the IRQ pin to be asserted, which can be supplied to external MCU as an interrupt.
15
14
13
12
11
10
9
8
CalErr1
CalErr0
AdjErr1
AdjErr0
-
-
-
-
765
432
1
0
LNchange
RevQchg
RevPchg
-
-
-
SagWarn
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com