Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 26 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 22Page - Integrated Device Technology 90E21 Datasheet HTML 23Page - Integrated Device Technology 90E21 Datasheet HTML 24Page - Integrated Device Technology 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
26
January 10, 2012
PLconstL
Low Word of PL_Constant
Lgain
L Line Calibration Gain
Lphi
L Line Calibration Angle
Address: 22H
Type: Read/Write
Default Value: D174H
Bit
Name
Description
15 - 0
PLconstL[15:0] The PLconstH[15:0] and PLconstL[15:0] bits are high word and low word of PL_Constant respectively.
It is suggested to set PL_constant as a multiple of 4. For details, please refer to IDT application note AN-641.
Address: 23H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
Lgain[15:0]
L line calibration gain. For details, please refer to IDT application note AN-641.
Address: 24H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
Lphi[15:0]
L line calibration phase angle. For details, please refer to IDT application note AN-641.
15
14
13
12
11
10
9
8
PLconstL15
PLconstL14
PLconstL13
PLconstL12
PLconstL11
PLconstL10
PLconstL9
PLconstL8
765
432
1
0
PLconstL7
PLconstL6
PLconstL5
PLconstL4
PLconstL3
PLconstL2
PLconstL1
PLconstL0
15
14
13
12
11
10
9
8
Lgain15
Lgain14
Lgain13
Lgain12
Lgain11
Lgain10
Lgain9
Lgain8
765
432
1
0
Lgain7
Lgain6
Lgain5
Lgain4
Lgain3
Lgain2
Lgain1
Lgain0
15
14
13
12
11
10
9
8
Lphi15
-
-
-
-
-
Lphi9
Lphi8
765
432
1
0
Lphi7
Lphi6
Lphi5
Lphi4
Lphi3
Lphi2
Lphi1
Lphi0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com