Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 40 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 36Page - Integrated Device Technology 90E21 Datasheet HTML 37Page - Integrated Device Technology 90E21 Datasheet HTML 38Page - Integrated Device Technology 90E21 Datasheet HTML 39Page - Integrated Device Technology 90E21 Datasheet HTML 40Page - Integrated Device Technology 90E21 Datasheet HTML 41Page - Integrated Device Technology 90E21 Datasheet HTML 42Page - Integrated Device Technology 90E21 Datasheet HTML 43Page - Integrated Device Technology 90E21 Datasheet HTML 44Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
40
January 10, 2012
EnStatus
Metering Status
Address: 46H
Type: Read
Default Value After Power On: C800H
Bit
Name
Description
15
Qnoload
This bit indicates whether the chip is in reactive no-load status.
0: not reactive no-load state
1: reactive no-load state
14
Pnoload
This bit indicates whether the 90E21/22/23/24 is in active no-load status.
0: not active no-load state
1: active no-load state
13
RevQ
This bit indicates the direction of the last CF2 (reactive output).
0: reactive forward
1: reactive reverse
Note:
This bit is always '0' when the CF2 output is configured to be absolute energy.
12
RevP
This bit indicates the direction of the last CF1 (active output).
0: active forward
1: active reverse
Note:
This bit is always '0' when the CF1 output is configured to be absolute energy.
11
Lline
This bit indicates the current metering line in anti-tampering mode.
0: N line
1: L line
10 - 2
-
Reserved.
1 - 0
LNMode[1:0]
These bits indicate the configuration of MMD1 and MMD0 pins. Their relationship is as follows:
15
14
13
12
11
10
9
8
Qnoload
Pnoload
RevQ
RevP
Lline
-
-
-
765
432
1
0
-
-
-
-
-
-
LNMode1
LNMode0
MMD1
MMD0
LNmod1
LNmod0
L/N Metering Mode
0
0
0
0
anti-tampering mode (larger power)
0
1
0
1
L line mode (fixed L line)
1
0
1
0
L+N mode (applicable for single-phase three-wire system)
1
1
1
1
Flexible mode (Line specified by the LNSel bit (MMode, 2BH))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com