Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 41Page - Integrated Device Technology 90E21 Datasheet HTML 42Page - Integrated Device Technology 90E21 Datasheet HTML 43Page - Integrated Device Technology 90E21 Datasheet HTML 44Page - Integrated Device Technology 90E21 Datasheet HTML 45Page - Integrated Device Technology 90E21 Datasheet HTML 46Page - Integrated Device Technology 90E21 Datasheet HTML 47Page - Integrated Device Technology 90E21 Datasheet HTML 48Page - Integrated Device Technology 90E21 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
45
January 10, 2012
Pmean2
N Line Mean Active Power
Qmean2
N Line Mean Reactive Power
Address: 6AH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Pmean2[15:0]
N line mean active power.
Complement, MSB is the sign bit. Data format is XX.XXX, which corresponds to -32.768~+32.767kW.
If current is specially handled by MCU, the power of the 90E21/22/23/24 and the actual power have the same multiple relation-
ship as the current.
Address: 6BH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Qmean2[15:0]
N line mean reactive power.
Complement, MSB is the sign bit. Data format is XX.XXX, which corresponds to -32.768~+32.767kvar.
If current is specially handled by MCU, the power of 90E22/24 and the actual power have the same multiple relationship as the
current.
15
14
13
12
11
10
9
8
Pmean2_15
Pmean2_14
Pmean2_13
Pmean2_12
Pmean2_11
Pmean2_10
Pmean2_9
Pmean2_8
765
432
1
0
Pmean2_7
Pmean2_6
Pmean2_5
Pmean2_4
Pmean2_3
Pmean2_2
Pmean2_1
Pmean2_0
15
14
13
12
11
10
9
8
Qmean2_15
Qmean2_14
Qmean2_13
Qmean2_12
Qmean2_11
Qmean2_10
Qmean2_9
Qmean2_8
765
432
1
0
Qmean2_7
Qmean2_6
Qmean2_5
Qmean2_4
Qmean2_3
Qmean2_2
Qmean2_1
Qmean2_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com