Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 24Page - Integrated Device Technology 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
28
January 10, 2012
PNolTh
Active No-Load Power Threshold
QStartTh
Reactive Startup Power Threshold
QNolTh
Reactive No-Load Power Threshold
Address: 28H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
PNolTh[15:0]
Active no-load power threshold. For details, please refer to IDT application note AN-641.
Address: 29H
Type: Read/Write
Default Value: 0AECH
Bit
Name
Description
15 - 0
QStartTh[15:0] Reactive startup power threshold. For details, please refer to IDT application note AN-641.
Address: 2AH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
QNolTh[15:0]
Reactive no-load power threshold. For details, please refer to IDT application note AN-641.
15
14
13
12
11
10
9
8
PNolTh15
PNolTh14
PNolTh13
PNolTh12
PNolTh11
PNolTh10
PNolTh9
PNolTh8
765
432
1
0
PNolTh7
PNolTh6
PNolTh5
PNolTh4
PNolTh3
PNolTh2
PNolTh1
PNolTh0
15
14
13
12
11
10
9
8
QStartTh15
QStartTh14
QStartTh13
QStartTh12
QStartTh11
QStartTh10
QStartTh9
QStartTh8
765
432
1
0
QStartTh7
QStartTh6
QStartTh5
QStartTh4
QStartTh3
QStartTh2
QStartTh1
QStartTh0
15
14
13
12
11
10
9
8
QNolTh15
QNolTh14
QNolTh13
QNolTh12
QNolTh11
QNolTh10
QNolTh9
QNolTh8
765
432
1
0
QNolTh7
QNolTh6
QNolTh5
QNolTh4
QNolTh3
QNolTh2
QNolTh1
QNolTh0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com