Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 53 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 53 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 49Page - Integrated Device Technology 90E21 Datasheet HTML 50Page - Integrated Device Technology 90E21 Datasheet HTML 51Page - Integrated Device Technology 90E21 Datasheet HTML 52Page - Integrated Device Technology 90E21 Datasheet HTML 53Page - Integrated Device Technology 90E21 Datasheet HTML 54Page - Integrated Device Technology 90E21 Datasheet HTML 55Page - Integrated Device Technology 90E21 Datasheet HTML 56Page - Integrated Device Technology 90E21 Datasheet HTML 57Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Electrical Specification
53
January 10, 2012
6.7
ABSOLUTE MAXIMUM RATING
Parameter
Maximum Limit
Relative Voltage Between AVDD and AGND
-0.3V~3.7V
Relative Voltage Between DVDD and DGND
-0.3V~3.7V
Analog Input Voltage (I1P, I1N, I2P, I2N, VP, VN)
-1V~VDD
Digital Input Voltage
-0.3V~VDD+2.6V
Operating Temperature Range
-40~85 °C
Maximum Junction Temperature
150 °C
Package Type
Thermal Resistance
θJA
Unit
Condition
Green SSOP28
note 1
63.2
°C/W
No Airflow
Note 1:
Refer to http://www.idt.com/package/pyg28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com