Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 13Page - Integrated Device Technology 90E21 Datasheet HTML 14Page - Integrated Device Technology 90E21 Datasheet HTML 15Page - Integrated Device Technology 90E21 Datasheet HTML 16Page - Integrated Device Technology 90E21 Datasheet HTML 17Page - Integrated Device Technology 90E21 Datasheet HTML 18Page - Integrated Device Technology 90E21 Datasheet HTML 19Page - Integrated Device Technology 90E21 Datasheet HTML 20Page - Integrated Device Technology 90E21 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Interface
17
January 10, 2012
4.1.2
THREE-WIRE MODE
In three-wire mode, CS is always at low level. When there is no oper-
ation, SCLK keeps at high level. The start of a read or write operation is
triggered if SCLK is consistently low for at least 400
µs. The subsequent
read or write operation is similar to that in four-wire mode. Refer to Fig-
ure-8 and Figure-9.
Figure-8 Read Sequence in Three-Wire Mode
Figure-9 Write Sequence in Three-Wire Mode
CS
SCLK
10
123456789
11
12
13
14
15
16
17
18
19
20
21
22
23
Register address
24
1234
Low ≥ 400
µs
Drive Low
SDI
SDO
A0
A6 A5 A4 A3 A2 A1
Hign Impedance
D
15
Don't care
16-bit data
D
14
D
13
D
12
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
0
D
1
Don’t care
A6 A5 A4
High Impedance
Low ≥ 400
µs
CS
SCLK
SDI
SDO
10
12
3
4567
8
9
11
12
13
14
15
16
17
18
19
20
21
22
23
A0
A6 A5 A4 A3 A2 A1
16-bit data
High Impedance
D
0
D
7
D
6
D
5
D
4
D
3
D
2
D
1
Register Address
D
14
D
15
24
D
13
D
12
D
11
D
10
D
9
D
8
1234
A6 A5 A4
Don't care
Drive low
Low ≥ 400
µs
Low ≥ 400
µs
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com