Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology 90E21 Datasheet HTML 33Page - Integrated Device Technology 90E21 Datasheet HTML 34Page - Integrated Device Technology 90E21 Datasheet HTML 35Page - Integrated Device Technology 90E21 Datasheet HTML 36Page - Integrated Device Technology 90E21 Datasheet HTML 37Page - Integrated Device Technology 90E21 Datasheet HTML 38Page - Integrated Device Technology 90E21 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
35
January 10, 2012
QoffsetL
L Line Reactive Power Offset
PoffsetN
N Line Active Power Offset
QoffsetN
N Line Reactive Power Offset
Address: 38H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
QoffsetL[15:0] L line reactive power offset.
Complement, MSB is the sign bit. For calculation method, please refer to IDT application note AN-641.
Address: 39H
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
PoffsetN[15:0] N line active power offset.
Complement, MSB is the sign bit. For calculation method, please refer to IDT application note AN-641.
Address: 3AH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
QoffsetN[15:0] N line reactive power offset.
Complement, MSB is the sign bit. For calculation method, please refer to IDT application note AN-641.
15
14
13
12
11
10
9
8
QoffsetL15
QoffsetL14
QoffsetL13
QoffsetL12
QoffsetL11
QoffsetL10
QoffsetL9
QoffsetL8
765
432
1
0
QoffsetL7
QoffsetL6
QoffsetL5
QoffsetL4
QoffsetL3
QoffsetL2
QoffsetL1
QoffsetL0
15
14
13
12
11
10
9
8
PoffsetN15
PoffsetN14
PoffsetN13
PoffsetN12
PoffsetN11
PoffsetN10
PoffsetN9
PoffsetN8
765
432
1
0
PoffsetN7
PoffsetN6
PoffsetN5
PoffsetN4
PoffsetN3
PoffsetN2
PoffsetN1
PoffsetN0
15
14
13
12
11
10
9
8
QoffsetN15
QoffsetN14
QoffsetN13
QoffsetN12
QoffsetN11
QoffsetN10
QoffsetN9
QoffsetN8
765
432
1
0
QoffsetN7
QoffsetN6
QoffsetN5
QoffsetN4
QoffsetN3
QoffsetN2
QoffsetN1
QoffsetN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com