Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 48 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 48 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 44Page - Integrated Device Technology 90E21 Datasheet HTML 45Page - Integrated Device Technology 90E21 Datasheet HTML 46Page - Integrated Device Technology 90E21 Datasheet HTML 47Page - Integrated Device Technology 90E21 Datasheet HTML 48Page - Integrated Device Technology 90E21 Datasheet HTML 49Page - Integrated Device Technology 90E21 Datasheet HTML 50Page - Integrated Device Technology 90E21 Datasheet HTML 51Page - Integrated Device Technology 90E21 Datasheet HTML 52Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Electrical Specification
48
January 10, 2012
6
ELECTRICAL SPECIFICATION
6.1
ELECTRICAL SPECIFICATION
Parameters and Description
Min.
Typical
Max.
Unit
Test Conditions and Comments
Accuracy
DC Power Supply Rejection Ratio (PSRR)
±
0.1
%
VDD=3.3V±0.3V, 100Hz, I=5A, V=220V, L line
shunt resistor 150
µΩ, N line CT 1000:1, sampling
resistor 4.8
Ω
AC Power Supply Rejection Ratio (PSRR)
±
0.1
%
VDD=3.3V superimposes 400mVrms, 100Hz Sinu-
soidal signal, I=5A, V=220V, L line shunt resistor
150
µΩ, N line CT 1000:1, sampling resistor 4.8Ω
Active Energy Error (Dynamic Range 5000:1)
±
0.1
%
L line current gain is ‘24’; N line current gain is ‘1’
Channel Characteristics
Sampling Frequency
8kHz
L Line Current Channel Equivalent Input Noise
19.1
Single side band noise (measured at 50Hz, and
PGA gain is ‘24’)
N Line Current Channel Equivalent Input Noise
458.4
Single side band noise (measured at 50Hz, and
PGA gain is ‘1’)
Voltage Channel Equivalent Input Noise
458.4
Single side band noise (measured at 50Hz, and
PGA gain is ‘1’)
Total Harmonic Distortion for Each Channel
80
dB
25°C, PGA gain is ‘1’, 500mVrms input
Reactive Energy Metering Bandwidth
4
kHz
Active Energy Metering Bandwidth
4
kHz
Irms and Vrms Measurement Bandwidth
4
kHz
Measurement Error
±
0.5
%
Analog Input
L Line Current Channel Differential Input
5
µ
25m
Vrms
PGA gain is ‘24’
7.5
µ
37.5m
PGA gain is ‘16’
15
µ
75m
PGA gain is ‘8’
30
µ
150m
PGA gain is ‘4’
120
µ
600m
PGA gain is ‘1’
N Line Current Channel Differential Input
30
µ
150m
Vrms
PGA gain is ‘4’
60
µ
300m
PGA gain is ‘2’
120
µ
600m
PGA gain is ‘1’
Voltage Channel Differential Input
120
µ
600m
Vrms
PGA gain is ‘1’
L Line Current Channel Input Impedance
1
K
Ω
N Line Current Channel Input Impedance
50
K
Ω
Voltage Channel Input Impedance
50
K
Ω
L Line Current Channel DC Offset
10
mV
PGA gain is ‘24’
N Line Current Channel DC Offset
10
mV
PGA gain is ‘1’
Voltage Channel DC Offset
10
mV
PGA gain is ‘1’
Reference
On-Chip Reference (90E21/22/23/24)
1.398
1.417
1.440
V
Reference voltage test mode
Reference Voltage Temperature Coefficient
±
15
±
40
ppm/°C
Clock
Crystal or External Clock
8.192
MHz
The Accuracy of crystal or external clock is ±100
ppm
SPI Interface
SPI Interface Bit Rate
200
160k
bps
Pulse Width
CFx Pulse Width
80
ms
If T ≥ 160 ms, width=80ms; if T<160 ms, width =
0.5T. Refer to Section 6.6
ESD
Machine Model (MM)
400
V
JESD22-A115
Charged Device Model (CDM)
1000
V
JESD22-C101
Hz
/
nV
Hz
/
nV
Hz
/
nV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com