Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 48Page - Integrated Device Technology 90E21 Datasheet HTML 49Page - Integrated Device Technology 90E21 Datasheet HTML 50Page - Integrated Device Technology 90E21 Datasheet HTML 51Page - Integrated Device Technology 90E21 Datasheet HTML 52Page - Integrated Device Technology 90E21 Datasheet HTML 53Page - Integrated Device Technology 90E21 Datasheet HTML 54Page - Integrated Device Technology 90E21 Datasheet HTML 55Page - Integrated Device Technology 90E21 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Electrical Specification
52
January 10, 2012
6.5
VOLTAGE SAG TIMING
Figure-14 Voltage Sag Timing Diagram
6.6
PULSE OUTPUT
Figure-15 Output Pulse Width
Table-14 Zero-Crossing Specification
Symbol
Description
Min.
Typical
Max.
Unit
TZX
High Level Width
5
ms
TD
Delay Time
0.5
ms
Table-15 Voltage Sag Specification
Symbol
Description
Min.
Typical
Max.
Unit
TD
Delay Time
0.5
ms
Voltage Sag
Threshold
WarnOut
IRQ
T
D
V
Voltage Sag
Threshold
CFx
Tp=80ms
Tp=0.5T
T≥160ms
10ms≤T<160ms
Tp=5ms
if T<10ms,
force T=10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com