Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 42 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 42 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 38Page - Integrated Device Technology 90E21 Datasheet HTML 39Page - Integrated Device Technology 90E21 Datasheet HTML 40Page - Integrated Device Technology 90E21 Datasheet HTML 41Page - Integrated Device Technology 90E21 Datasheet HTML 42Page - Integrated Device Technology 90E21 Datasheet HTML 43Page - Integrated Device Technology 90E21 Datasheet HTML 44Page - Integrated Device Technology 90E21 Datasheet HTML 45Page - Integrated Device Technology 90E21 Datasheet HTML 46Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
42
January 10, 2012
Pmean
L Line Mean Active Power
Qmean
L Line Mean Reactive Power
Address: 4AH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Pmean[15:0]
L line mean active power.
Complement, MSB is the sign bit. Data format is XX.XXX, which corresponds to -32.768~+32.768kW.
If current is specially handle by MCU, the power of the 90E21/22/23/24 and the actual power have the same multiple relationship
as the current.
Address: 4BH
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Qmean[15:0]
L line mean reactive power.
Complement, MSB is the sign bit. Data format is XX.XXX, which corresponds to -32.768~+32.768kvar.
If current is specially handled by MCU, the power of the 90E22/24 and the actual power have the same multiple relationship as
the current.
15
14
13
12
11
10
9
8
Pmean15
Pmean14
Pmean13
Pmean12
Pmean11
Pmean10
Pmean9
Pmean8
765
432
1
0
Pmean7
Pmean6
Pmean5
Pmean4
Pmean3
Pmean2
Pmean1
Pmean0
15
14
13
12
11
10
9
8
Qmean15
Qmean14
Qmean13
Qmean12
Qmean11
Qmean10
Qmean9
Qmean8
765
432
1
0
Qmean7
Qmean6
Qmean5
Qmean4
Qmean3
Qmean2
Qmean1
Qmean0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com