Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology 90E21 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
29
January 10, 2012
MMode
Metering Mode Configuration
Address: 2BH
Type: Read/Write
Default Value: 9422H
Bit
Name
Description
15 - 13
Lgain[2:0]
L line current gain, default value is ‘100’.
12 - 11
Ngain[1:0]
N line current gain
00: 2
01: 4
10: 1 (default)
11: 1
10
LNSel
This bit specifies metering as L line or N line when metering mode is set to flexible mode by MMD1 and MMD0 pins.
0: N line
1: L line (default)
9 - 8
DisHPF[1:0]
These bits configure the High Filter Pass (HPF) after ADC. There are two first-order HPF in serial: HPF1 and HPF0. The config-
uration are applicable to all channels:
7Amod
CF1 output for active power:
0: forward or reverse energy pulse output (default)
1: absolute energy pulse output
6Rmod
CF2 output for reactive power:
0: forward (inductive) or reverse (capacitive) energy pulse output (default)
1: absolute energy pulse output
15
14
13
12
11
10
9
8
Lgain2
Lgain1
Lgain0
Ngain1
Ngain0
LNSel
DisHPF1
DisHPF0
765
432
1
0
Amod
Rmod
ZXCon1
ZXCon0
Pthresh3
Pthresh2
Pthresh1
Pthresh0
Lgain2
Lgain1
Lgain0
Current Channel Gain
1X
X
1
00
0
4
00
1
8
01
0
16
01
1
24
DisHPF1
DisHPF 0
HPF Configuration
0
0
enable HPF1 and HPF0 (default)
0
1
enable HPF1, disable HPF0;
1
0
disable HPF1, enable HPF0;
1
1
disable HPF1 and HPF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com