Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology 90E21 Datasheet HTML 33Page - Integrated Device Technology 90E21 Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
30
January 10, 2012
5 - 4
Zxcon[1:0]
These bits configure zero-crossing mode. The ZX pin outputs 5ms-width high level when voltage crosses zero.
00: positive zero-crossing
01: negative zero-crossing
10: all zero-crossing: both positive and negative zero-crossing (default)
11: no zero-crossing output
3 - 0
Pthresh[3:0]
These bits configure the L line and N line power difference threshold in anti-tampering mode.
Pthresh3
Pthresh2
Pthresh1
Pthresh0
Threshold
00
0
0
12.5%
0
0
0
1
6.25%
0
0
1
0
3.125% (default)
0
0
1
1
1.5625%
01
0
0
1%
01
0
1
2%
01
1
0
3%
01
1
1
4%
10
0
0
5%
10
0
1
6%
10
1
0
7%
10
1
1
8%
11
0
0
9%
1
1
0
1
10%
11
1
0
11%
1
1
1
1
12%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com