Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 10Page - Integrated Device Technology 90E21 Datasheet HTML 11Page - Integrated Device Technology 90E21 Datasheet HTML 12Page - Integrated Device Technology 90E21 Datasheet HTML 13Page - Integrated Device Technology 90E21 Datasheet HTML 14Page - Integrated Device Technology 90E21 Datasheet HTML 15Page - Integrated Device Technology 90E21 Datasheet HTML 16Page - Integrated Device Technology 90E21 Datasheet HTML 17Page - Integrated Device Technology 90E21 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Functional Description
14
January 10, 2012
3.5
MEASUREMENT AND ZERO-CROSSING
3.5.1
MEASUREMENT
The 90E21/22/23/24 has the following measurements:
• voltage rms
• current rms (L line/N line)
• mean active power (L line/N line)
• mean reactive power (L line/N line)
• voltage frequency
• power factor (L line/N line)
• phase angle between voltage and current (L line/N line)
• mean apparent power (L line/N line)
The above measurements are all calculated with fiducial error except
for frequency. The frequency accuracy is 0.01Hz, and the other mea-
surement accuracy is 0.5%. Fiducial error is calculated as follow:
Where Umea is the measured voltage, Ureal is the actual voltage and
UFV is the fiducial value.
3.5.2
ZERO-CROSSING
The ZX pin is asserted when the sampling voltage crosses zero.
Zero-crossing mode can be configured to positive zero-crossing, nega-
tive zero-crossing and all zero-crossing by the Zxcon[1:0] bits (MMode,
2BH). Refer to section 6.4.
The zero-crossing signal can facilitate operations such as relay oper-
ation and power line carrier transmission in typical smart meter applica-
tions.
100%
*
U
U
-
U
rror
Fiducial_E
FV
real
mea
=
Table-8 The Measurement Format
Measurement
Fiducial Value (FV)
90E21/22/23/24 Defined
Format
Range
Comment
Voltage rms
Un
XXX.XX
0~655.35V
Current rms
note 1, note 2
Imax
as 4Ib
XX.XXX
0~65.535A
Active/ Reactive Power
note 1
maximum power as
Un*4Ib
XX.XXX
-32.768~+32.767
kW/kvar
Complement, MSB as the sign bit
Apparent Power
note 1
Un*4Ib
XX.XXX
0~+32.767 kVA
Complement, MSB always '0'
Frequency
fn
XX.XX
45.00~65.00 Hz
Power Factor
note 3
1.000
X.XXX
-1.000~+1.000
Signed, MSB as the sign bit
Phase Angle
note 4
180°
XXX.X
-180°~+180°
Signed, MSB as the sign bit
Note 1: All registers are of 16 bits. For cases when the current and active/reactive/apparent power goes beyond the above range, it is suggested to be handled by
microcontroller (MCU) in application. For example, register value can be calibrated to 1/2 of the actual value during calibration, then multiply 2 in application. Note that
if the actual current is twice of that of the 90E21/22/23/24, the actual active/reactive/apparent power is also twice of that of the chip.
Note 2: The accuracy is not guaranteed when the current is lower than 15mA. Note that the tolerance is 25 mA at IFV of 5A and fiducial accuracy of 0.5%.
Note 3: Power factor is obtained by active power dividing apparent power
Note 4: Phase angle is obtained when voltage/current crosses zero at the frequency of 256kHz. Precision is not guaranteed at small current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com