Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 51 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 51 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 47Page - Integrated Device Technology 90E21 Datasheet HTML 48Page - Integrated Device Technology 90E21 Datasheet HTML 49Page - Integrated Device Technology 90E21 Datasheet HTML 50Page - Integrated Device Technology 90E21 Datasheet HTML 51Page - Integrated Device Technology 90E21 Datasheet HTML 52Page - Integrated Device Technology 90E21 Datasheet HTML 53Page - Integrated Device Technology 90E21 Datasheet HTML 54Page - Integrated Device Technology 90E21 Datasheet HTML 55Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Electrical Specification
51
January 10, 2012
6.3
POWER ON RESET TIMING
Figure-12 Power On Reset Timing Diagram
6.4
ZERO-CROSSING TIMING
Figure-13 Zero-Crossing Timing Diagram
tDW
Minimum Data Width
30T+10
ns
tPD
Output Delay
14T
15T+20
ns
tDF
note 1
Output Disable Time
16T+20
ns
Note:
1. Not applicable for three-wire SPI.
2. T means SCLK cycle. T=122ns. (Typical value for four-wire SPI)
Table-12 SPI Timing Specification (Continued)
Table-13 Power On Reset Specification
Symbol
Description
Min.
Typical
Max.
Unit
VH
Power On Trigger Voltage
2.47
2.6
2.73
V
VL
Power Off Trigger Voltage
2.185
2.3
2.415
V
VH-VL
Hysteretic Voltage Difference
0.285
0.3
0.315
V
T1
Delay Time After Power On
5
ms
T2
Delay Time After Power Off
10
µs
DVDD
RESET
T
1
V
H
T
2
V
L
ZX
(Positive zero-crossing)
ZX
(Negative zero-crossing)
ZX
(All zero-crossing)
T
ZX
T
D
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com