Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 19Page - Integrated Device Technology 90E21 Datasheet HTML 20Page - Integrated Device Technology 90E21 Datasheet HTML 21Page - Integrated Device Technology 90E21 Datasheet HTML 22Page - Integrated Device Technology 90E21 Datasheet HTML 23Page - Integrated Device Technology 90E21 Datasheet HTML 24Page - Integrated Device Technology 90E21 Datasheet HTML 25Page - Integrated Device Technology 90E21 Datasheet HTML 26Page - Integrated Device Technology 90E21 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
23
January 10, 2012
FuncEn
Function Enable
SagTh
Voltage Sag Threshold
Address: 02H
Type: Read/Write
Default Value: 000CH
Bit
Name
Description
15 - 6
-
Reserved.
5SagEn
This bit determines whether to enable the voltage sag interrupt.
0: disable (default)
1: enable
4SagWo
This bit determines whether to enable voltage sag to be reported by the WarnOut pin.
0: disable (default)
1: enable
3RevQEn
This bit determines whether to enable the direction change interrupt of reactive energy.
0: disable
1: enable (default)
2
RevPEn
This bit determines whether to enable the direction change interrupt of active energy.
0: disable
1: enable (default)
1 - 0
-
Reserved.
Address: 03H
Type: Read/Write
Default Value: 1D6AH
Bit
Name
Description
15 - 0
SagTh[15:0]
Voltage sag threshold configuration. Data format is XXX.XX. Unit is V.
The power-on value of SagTh is 1D6AH, which is calculated by 22000*sqrt(2)*0.78/(4*Ugain/32768)
For details, please refer to IDT application note AN-641.
15
14
13
12
11
10
9
8
-
---
---
-
765
432
1
0
-
-
SagEn
SagWo
RevQEn
RevPEn
-
-
15
14
13
12
11
10
9
8
SagTh15
SagTh14
SagTh13
SagTh12
SagTh11
SagTh10
SagTh9
SagTh8
765
432
1
0
SagTh7
SagTh6
SagTh5
SagTh4
SagTh3
SagTh2
SagTh1
SagTh0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com