Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 41 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 41 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 37Page - Integrated Device Technology 90E21 Datasheet HTML 38Page - Integrated Device Technology 90E21 Datasheet HTML 39Page - Integrated Device Technology 90E21 Datasheet HTML 40Page - Integrated Device Technology 90E21 Datasheet HTML 41Page - Integrated Device Technology 90E21 Datasheet HTML 42Page - Integrated Device Technology 90E21 Datasheet HTML 43Page - Integrated Device Technology 90E21 Datasheet HTML 44Page - Integrated Device Technology 90E21 Datasheet HTML 45Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
41
January 10, 2012
5.5
MEASUREMENT REGISTER
Irms
L Line Current rms
Urms
Voltage rms
Address: 48H
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Irms[15:0]
L line current rms.
Data format is XX.XXX, which corresponds to 0 ~ 65.535A.
For cases when the current exceeds 65.535A, it is suggested to be handled by MCU in application. For example, the register
value can be calibrated to 1/2 of the actual value during calibration, then multiplied by 2 in application.
Address: 49H
Type: Read
Default Value: 0000H
Bit
Name
Description
15 - 0
Urms[15:0]
Voltage rms.
Data format is XXX.XX, which corresponds to 0 ~ 655.35V.
15
14
13
12
11
10
9
8
Irms15
Irms14
Irms13
Irms12
Irms11
Irms10
Irms9
Irms8
765
432
1
0
Irms7
Irms6
Irms5
Irms4
Irms3
Irms2
Irms1
Irms0
15
14
13
12
11
10
9
8
Urms15
Urms14
Urms13
Urms12
Urms11
Urms10
Urms9
Urms8
765
432
1
0
Urms7
Urms6
Urms5
Urms4
Urms3
Urms2
Urms1
Urms0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com