Electronic Components Datasheet Search
  English  ▼

X  

90E21 Datasheet(PDF) 31 Page - Integrated Device Technology

Part # 90E21
Description  Single-Phase High-Performance Wide-Span Energy Metering IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

90E21 Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button 90E21 Datasheet HTML 27Page - Integrated Device Technology 90E21 Datasheet HTML 28Page - Integrated Device Technology 90E21 Datasheet HTML 29Page - Integrated Device Technology 90E21 Datasheet HTML 30Page - Integrated Device Technology 90E21 Datasheet HTML 31Page - Integrated Device Technology 90E21 Datasheet HTML 32Page - Integrated Device Technology 90E21 Datasheet HTML 33Page - Integrated Device Technology 90E21 Datasheet HTML 34Page - Integrated Device Technology 90E21 Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
90E21/22/23/24
SINGLE-PHASE HIGH-PERFORMANCE WIDE-SPAN ENERGY METERING IC
Register
31
January 10, 2012
CS1
Checksum 1
Address: 2CH
Type: Read/Write
Default Value: 0000H
Bit
Name
Description
15 - 0
CS1[15:0]
The CS1 register should be written after the 21H-2BH registers are written. Suppose the high byte and the low byte of the 21H-
2BH registers are shown in below table.
The calculatiion of the CS1 register is as follows:
The low byte of 2CH register is: L2C=MOD(H21+H22+...+H2B+L21+L22+...+L2B, 2^8)
The high byte of 2CH register is: H2C=H21 XOR H22 XOR ... XOR H2B XOR L21 XOR L22 XOR ... XOR L2B
For 90E21/22/23, a part of registers are not used. These registers can be dealed as 0000H in CS calculation.
The 90E21/22/23/24 calculates CS1 regularly. If the value of the CS1 register and the calculation by the 90E21/22/23/24 is differ-
ent when CalStart=8765H, the CalErr[1:0] bits (SysStatus, 01H) are set and the WarnOut and IRQ pins are asserted.
Note:
The readout value of the CS1 register is the calculation by the 90E21/22/23/24, which is different from what is written.
15
14
13
12
11
10
9
8
CS1_15
CS1_14
CS1_13
CS1_12
CS1_11
CS1_10
CS1_9
CS1_8
765
432
1
0
CS1_7
CS1_6
CS1_5
CS1_4
CS1_3
CS1_2
CS1_1
CS1_0
Register Address
High Byte
Low Byte
21H
H21
L21
22H
H22
L22
23H
H23
L23
24H
H24
L24
25H
H25
L25
26H
H26
L26
27H
H27
L27
28H
H28
L28
29H
H29
L29
2AH
H2A
L2A
2BH
H2B
L2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com